データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24FC01WETE13REV-F データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT24FC01WETE13REV-F
部品情報  1-kb I2C Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC01WETE13REV-F データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC01WETE13REV-F Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC01WETE13REV-F Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24FC01
3
Doc No. 1073, Rev. D
Write Cycle Limits
Symbol
Parameter
MinTyp
Max
Un
its
tWR
Write Cycle Time
5
ms
A.C. CHARACTERISTICS
VCC = 1.8 V to 5.5 V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
1.8 V - 5.5 V
2.5 V - 5.5 V
MinMax
Min Max
Un
its
FSCL
Clock Frequency
0
100
0
400
kHz
TI(1)
Noise Suppression Time
100
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
0.9
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.3
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.3
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
250
100
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(1)(2)
Symbol
Parameter
MinTyp
Max
Un
its
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.


同様の部品番号 - CAT24FC01WETE13REV-F

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24FC01WETE13 CATALYST-CAT24FC01WETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

同様の説明 - CAT24FC01WETE13REV-F

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_18 Datasheet
219Kb / 11P
   EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com