データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA78L00D データシート(PDF) 1 Page - Texas Instruments

部品番号 UA78L00D
部品情報  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L00D データシート(HTML) 1 Page - Texas Instruments

  UA78L00D Datasheet HTML 1Page - Texas Instruments UA78L00D Datasheet HTML 2Page - Texas Instruments UA78L00D Datasheet HTML 3Page - Texas Instruments UA78L00D Datasheet HTML 4Page - Texas Instruments UA78L00D Datasheet HTML 5Page - Texas Instruments UA78L00D Datasheet HTML 6Page - Texas Instruments UA78L00D Datasheet HTML 7Page - Texas Instruments UA78L00D Datasheet HTML 8Page - Texas Instruments UA78L00D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
INPUT
OUTPUT
COMMON
UA78L00
0.1 F
0.33 F
VI
VO
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
UA78L00 Series Positive-Voltage Linear Regulators
1
1 Features
1
3-Terminal Linear Regulators
Output Current Up to 100 mA
No External Components
Internal Thermal-Overload Protection
Internal Short-Circuit Current Limiting
2 Applications
Computing and Servers
On-Card Regulation
Telecommunications
White Goods
Chemical or Gas Sensors
Field Transmitter: Temperature Sensors
Flow Meters
3 Description
The UA78L00 series of fixed-voltage linear regulators
is designed for a wide range of applications. These
applications include on-card regulation for elimination
of noise and distribution problems associated with
single-point
regulation
as
well
as
for
voltage
regulation in major appliances. In addition, they can
be used with power-pass elements to make high-
current voltage regulators. One of these regulators
can deliver up to 100 mA of output current. The
internal limiting and thermal-shutdown features of
these regulators help to protect the device from
overload.
The UA78L00C and UA78L00AC series devices are
characterized for operation over the virtual junction
temperature range of 0°C to 125°C. The UA78L05AI
device is characterized for operation over the virtual
junction temperature range of
−40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UA78L00D,
UA78L00AD
SOIC (8)
4.90 mm × 3.91 mm
UA78L00LP,
UA78L00ALP
TO-92 (3)
4.30 mm × 4.30 mm
UA78L00PK,
UA78L00APK
SOT-89 (3)
4.50 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


同様の部品番号 - UA78L00D

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA78L00D TI1-UA78L00D Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
More results

同様の説明 - UA78L00D

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com