データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA0508ZRX7R9BN121 データシート(PDF) 3 Page - YAGEO Corporation

部品番号 CA0508ZRX7R9BN121
部品情報  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAGEO [YAGEO Corporation]
ホームページ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508ZRX7R9BN121 データシート(HTML) 3 Page - YAGEO Corporation

  CA0508ZRX7R9BN121 Datasheet HTML 1Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 2Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 3Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 4Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 5Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 6Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 7Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 8Page - YAGEO Corporation CA0508ZRX7R9BN121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
3
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CONSTRUCTION
The capacitor consists of a rectangular
block of ceramic dielectric in which
a number of interleaved metal
electrodes are contained. This
structure gives rise to a high
capacitance per unit volume.
The inner electrodes are connected
to the two end terminations and
finally covered with a layer of
plated tin (NiSn).
The terminations are lead-free.
An outline of the structure is
shown in Fig.1.
Fig. 1 Simplified outline
O
OU
UT
TL
LIIN
NE
ES
S
For dimensions see Table 1
Fig. 2 Surface mounted multilayer ceramic capacitor dimension
DIMENSIONS
TYPE
0508
(4 X 0402)
0612
(4 X 0603)
L (mm)
2.0 ± 0.15
3.2 ± 0.15
W (mm)
1.25 ± 0.15
1.60 ± 0.15
Tmin. (mm)
0.50
0.70
Tmax. (mm)
0.70
0.90
A (mm)
0.28 ± 0.10
0.4 ± 0.10
B (mm)
0.2 ± 0.10
0.3 ± 0.20
P (mm)
0.5 ± 0.10
0.8 ± 0.10
Table 1


同様の部品番号 - CA0508ZRX7R9BN121

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
CA0508JRNPO7BB473 YAGEO-CA0508JRNPO7BB473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN473 YAGEO-CA0508JRNPO7BN473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO8BB473 YAGEO-CA0508JRNPO8BB473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO8BN473 YAGEO-CA0508JRNPO8BN473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO9BB473 YAGEO-CA0508JRNPO9BB473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

同様の説明 - CA0508ZRX7R9BN121

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com