データシートサーチシステム |
|
UA78L12ACLPE3 データシート(PDF) 8 Page - Texas Instruments |
|
|
UA78L12ACLPE3 データシート(HTML) 8 Page - Texas Instruments |
8 / 33 page 8 UA78L02A, UA78L05, UA78L05A, UA78L06A UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016 www.ti.com Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A UA78L15A Submit Documentation Feedback Copyright © 1976–2016, Texas Instruments Incorporated Electrical Characteristics: UA78L10 (continued) at specified virtual junction temperature, VI = 14 V, and IO = 40 mA (unless otherwise noted) (1) PARAMETER TEST CONDITIONS(2) MIN TYP MAX UNIT Bias current TJ = 25°C 4.2 6 mA TJ = 125°C 5.5 Bias current change TJ = 0°C to 125°C VI = 14 V to 25 V 1.5 mA IO = 1 mA to 40 mA 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output. 6.11 Electrical Characteristics: UA78L12 at specified virtual junction temperature, VI = 19 V, and IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT Output voltage VI = 14 V to 27 V, and IO = 1 mA to 40 mA TJ = 25°C UA78L12C 11.1 12 12.9 V UA78L12AC 11.5 12 12.5 TJ = 0°C to 125°C UA78L12C 10.8 13.2 UA78L12AC 11.4 12.6 TJ = 0°C to 125°C, and IO = 1 mA to 70 mA UA78L12C 10.8 13.2 UA78L12AC 11.4 12.6 Input voltage regulation TJ = 25°C VI = 14.5 V to 27 V 55 250 mV VI = 16 V to 27 V 49 200 Ripple rejection TJ = 25°C VI = 15 V to 25 V, and f = 120 Hz UA78L12C 36 42 dB UA78L12AC 37 42 Output voltage regulation TJ = 25°C IO = 1 mA to 100 mA 22 100 mV IO = 1 mA to 40 mA 13 50 Output noise voltage TJ = 25°C, and f = 10 Hz to 100 kHz 70 µV Dropout voltage TJ = 25°C 1.7 V Bias current TJ = 25°C 4.3 6.5 mA TJ = 125°C 6 Bias current change TJ = 0°C to 125°C VI = 16 V to 27 V 1.5 mA IO = 1 mA to 40 mA UA78L12C 0.2 UA78L12AC 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output. 6.12 Electrical Characteristics: UA78L15 at specified virtual junction temperature, VI = 23 V, and IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT Output voltage VI = 17.5 V to 30 V, and IO = 1 mA to 40 mA TJ = 25°C UA78L15C 13.8 15 16.2 V UA78L15AC 14.4 15 15.6 TJ = 0°C to 125°C UA78L15C 13.5 16.5 UA78L15AC 14.25 15.75 TJ = 0°C to 125°C, and IO = 1 mA to 70 mA UA78L15C 13.5 16.5 UA78L15AC 14.25 15.75 Input voltage regulation TJ = 25°C VI = 17.5 V to 30 V 65 300 mV VI = 20 V to 30 V 58 250 Ripple rejection TJ = 25°C VI = 18.5 V to 28.5 V, and f = 120 Hz UA78L15C 33 39 dB UA78L15AC 34 39 |
同様の部品番号 - UA78L12ACLPE3 |
|
同様の説明 - UA78L12ACLPE3 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |