データシートサーチシステム |
|
UA78L12ACLPRE3 データシート(PDF) 5 Page - Texas Instruments |
|
UA78L12ACLPRE3 データシート(HTML) 5 Page - Texas Instruments |
5 / 33 page 5 UA78L02A, UA78L05, UA78L05A, UA78L06A UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A www.ti.com SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016 Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A UA78L15A Submit Documentation Feedback Copyright © 1976–2016, Texas Instruments Incorporated (1) Applies to UA78L02AC. (2) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output. 6.5 Electrical Characteristics: UA78L02 at specified virtual junction temperature, VI = 9 V, and IO = 40 mA (unless otherwise noted) (1) PARAMETER TEST CONDITIONS(2) MIN TYP MAX UNIT Output voltagef VI = 4.75 V to 20 V, and IO = 1 mA to 40 mA TJ = 25°C 2.5 2.6 2.7 V TJ = 0°C to 125°C 2.45 2.75 IO = 1 mA to 70 mA, and TJ = 0°C to 125°C 2.45 2.75 Input voltage regulation VI = 4.75 V to 20 V, and TJ = 25°C 20 100 mV VI = 5 V to 20 V, and TJ = 25°C 16 75 Ripple rejection VI = 6 V to 20 V, f = 120 Hz, and TJ = 25°C 43 51 dB Output voltage regulation IO = 1 mA to 100 mA, and TJ = 25°C 12 50 mV IO = 1 mA to 40 mA, and TJ = 25°C 6 25 Output noise voltage f = 10 Hz to 100 kHz, and TJ = 25°C 30 µV Dropout voltage TJ = 25°C 1.7 V Bias current TJ = 25°C 3.6 6 mA TJ = 125°C 5.5 Bias current change VI = 5 V to 20 V, and TJ = 0°C to 125°C 2.5 mA IO = 1 mA to 40 mA, and TJ = 0°C to 125°C 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-μF capacitor across the input and a 0.1-μF capacitor across the output. Full range for the UA78L05AC is TJ = 0°C to 125°C, and full range for the UA78L05AI is TJ = –40°C to 125°C. 6.6 Electrical Characteristics: UA78L05 at specified virtual junction temperature, VI = 10 V, and IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT Output voltage VI = 7 V to 20 V, and IO = 1 mA to 40 mA TJ = 25°C UA78L05C 4.6 5 5.4 V UA78L05AC and UA78L05AI 4.8 5 5.2 TJ = full range UA78L05C 4.5 5.5 UA78L05AC and UA78L05AI 4.75 5.25 IO = 1 mA to 70 mA, and TJ = full range UA78L05C 4.5 5.5 UA78L05AC and UA78L05AI 4.75 5.25 Input voltage regulation VI = 7 V to 20 V, and TJ = 25°C UA78L05C 32 200 mV UA78L05AC and UA78L05AI 32 150 VI = 8 V to 20 V, and TJ = 25°C UA78L05C 26 150 UA78L05AC and UA78L05AI 26 100 Ripple rejection VI = 8 V to 18 V, f = 120 Hz, and TJ = 25°C UA78L05C 40 49 dB UA78L05AC and UA78L05AI 41 49 Output voltage regulation IO = 1 mA to 100 mA, and TJ = 25°C 15 60 mV IO = 1 mA to 40 mA, and TJ = 25°C 8 30 Output noise voltage f = 10 Hz to 100 kHz, and TJ = 25°C 42 μV Dropout voltage TJ = 25°C 1.7 V Bias current TJ = 25°C 3.8 6 mA TJ = 125°C 5.5 Bias current change VI = 8 V to 20 V, and TJ = full range 1.5 mA IO = 1 mA to 40 mA, and TJ = full range UA78L05C 0.2 UA78L05AC and UA78L05AI 0.1 |
同様の部品番号 - UA78L12ACLPRE3 |
|
同様の説明 - UA78L12ACLPRE3 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |