データシートサーチシステム |
|
UA78L データシート(PDF) 1 Page - Texas Instruments |
|
|
UA78L データシート(HTML) 1 Page - Texas Instruments |
1 / 33 page INPUT OUTPUT COMMON UA78L00 0.1 F 0.33 F VI VO Copyright © 2016, Texas Instruments Incorporated Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. UA78L02A, UA78L05, UA78L05A, UA78L06A UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016 UA78L00 Series Positive-Voltage Linear Regulators 1 1 Features 1 • 3-Terminal Linear Regulators • Output Current Up to 100 mA • No External Components • Internal Thermal-Overload Protection • Internal Short-Circuit Current Limiting 2 Applications • Computing and Servers • On-Card Regulation • Telecommunications • White Goods • Chemical or Gas Sensors • Field Transmitter: Temperature Sensors • Flow Meters 3 Description The UA78L00 series of fixed-voltage linear regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation as well as for voltage regulation in major appliances. In addition, they can be used with power-pass elements to make high- current voltage regulators. One of these regulators can deliver up to 100 mA of output current. The internal limiting and thermal-shutdown features of these regulators help to protect the device from overload. The UA78L00C and UA78L00AC series devices are characterized for operation over the virtual junction temperature range of 0°C to 125°C. The UA78L05AI device is characterized for operation over the virtual junction temperature range of −40°C to 125°C. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) UA78L00D, UA78L00AD SOIC (8) 4.90 mm × 3.91 mm UA78L00LP, UA78L00ALP TO-92 (3) 4.30 mm × 4.30 mm UA78L00PK, UA78L00APK SOT-89 (3) 4.50 mm × 2.50 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Simplified Schematic |
同様の部品番号 - UA78L |
|
同様の説明 - UA78L |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |