データシートサーチシステム |
|
CA0508KRNPO0BB121 データシート(PDF) 8 Page - YAGEO Corporation |
|
CA0508KRNPO0BB121 データシート(HTML) 8 Page - YAGEO Corporation |
8 / 17 page www.yageo.com Nov. 10, 2015 V.4 Surface-Mount Ceramic Multilayer Capacitors 8 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V Fig. 4 Typical tan δ as a function of temperature Fig. 3 Typical temperature coefficient as a function of temperature Sample limits (broken lines) Requirement levels (dotted lines) Fig. 5 Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage NP0 0508/0612 50 V |
同様の部品番号 - CA0508KRNPO0BB121 |
|
同様の説明 - CA0508KRNPO0BB121 |