データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25040ZA データシート(PDF) 9 Page - Catalyst Semiconductor

部品番号 CAT25040ZA
部品情報  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040ZA データシート(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25040ZA Datasheet HTML 3Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 4Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 5Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 6Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 7Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 8Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 9Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 10Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CAT25010/20/40
Doc. No. 1006, Rev. L
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
The CAT250140/20/40 powers up in a write disable
state and in a low power standby mode. A WREN
instruction must be issued to perform any writes to the
device after power up. Also,on power up
CS should be
brought low to enter a ready state and receive an
instruction. After a successful byte/page write or status
register write, the CAT250140/20/40 goes into a write
disable mode.
CS must be set high after the proper
number of clock cycles to start an internal write cycle.
Access to the array during an internal write cycle is
ignored and programming is continued. On power up,
Figure 8. Page Write Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
*X=0 for 25010, 25020 ; X=A8 for 25040
Note: Dashed Line= mode (1, 1) – ––––
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
SO is in a high impedance. If an invalid op code is
received, no data will be shifted into the CAT250140/
20/40, and the serial output pin (SO) will remain in a
high impedance state until the falling edge of
CS is
detected again.
When powering down, the supply should be taken down
to 0V, so that the CAT250140/20/40 will be reset when
power is ramped back up. If this is not possible, then,
following a brown-out episode, the CAT250140/20/40
can be reset by refreshing the contents of the Status
Register (See Application Note AN10).
SK
SI
SO
00
00
00
10
BYTE ADDRESS
Data
Byte 1
012345678
13
14
15 16-23
24-31
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
DATA IN
HIGH IMPEDANCE
A7
A0
X*


同様の部品番号 - CAT25040ZA

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25040ZA-GT3 CATALYST-CAT25040ZA-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25040ZAT3 CATALYST-CAT25040ZAT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

同様の説明 - CAT25040ZA

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com