データシートサーチシステム |
|
SS32A データシート(PDF) 1 Page - Nanjing International Group Co |
|
SS32A データシート(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page 3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) Operating Storage Temperature Range TSTG Temperature Range Tj 3.0 1 20 0.2 20 10 -65 +125 -65 +150 -65 +150 V V V A V mA mA pF C C C NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.093 grams SS32A THRU SS320A VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere UNITS V Typical Thermal Resistance RqJA (Note 2) /W S S32A SS34A SS36A SS38A SS310A SS315A SS320A 20 40 60 80 100 150 200 14 2 8 42 56 70 105 140 0.55 0.70 0.85 3 20 20 40 60 80 100 150 200 Dimensions in inches and (millimeters) * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request SMAF Cathode Band Top View 0.128(3.25) 0.144(3.65) 0.189(4.80) 0.173(4.40) 0.110(2.80) 0.094(2.40) 0.051(1.30) 0.059(1.50) 0.055(1.40) 0.043(1.10) 0.012(0.30) 0.006(0.15) 0.047(1.20) 0.028(0.70) |
同様の部品番号 - SS32A |
|
同様の説明 - SS32A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |