データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MZT8-28VPS-KP0 データシート(PDF) 2 Page - SICK AG

部品番号 MZT8-28VPS-KP0
部品情報  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SICK [SICK AG]
ホームページ  http://www.sick.com/
Logo SICK - SICK AG

MZT8-28VPS-KP0 データシート(HTML) 2 Page - SICK AG

  MZT8-28VPS-KP0 Datasheet HTML 1Page - SICK AG MZT8-28VPS-KP0 Datasheet HTML 2Page - SICK AG MZT8-28VPS-KP0 Datasheet HTML 3Page - SICK AG MZT8-28VPS-KP0 Datasheet HTML 4Page - SICK AG MZT8-28VPS-KP0 Datasheet HTML 5Page - SICK AG MZT8-28VPS-KP0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZT8-28VPS-KP0 | MZT8
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
MZT8-28VPS-KP0
1048048
Other models and accessories
www.sick.com/MZT8
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
24 mm
Output type
PNP
Switching frequency
1,000 Hz
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 1)
1) According to EN 60529 (IP 67 / IP 68).
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Power consumption
≤ 10 mA 1)
Voltage drop
≤ 2.2 V
Continuous current Ia
≤ 200 mA
Protection class
III
Time delay before availability
25 ms
Response sensitivity, typ.
2.8 mT
Overrun distance, typ.
9 mm
Hysteresis, typ.
> 0.5 mT
Reproducibility
≤ 0.1 mT 2)
1) Without load.
2) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


同様の部品番号 - MZT8-28VPS-KP0

メーカー部品番号データシート部品情報
logo
SICK AG
MZT8-28VPS-KP0S10 SICK-MZT8-28VPS-KP0S10 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

同様の説明 - MZT8-28VPS-KP0

メーカー部品番号データシート部品情報
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com