データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM571X データシート(PDF) 6 Page - Texas Instruments

部品番号 AM571X
部品情報  Sitara Processors Silicon Revision 2.0
Download  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM571X データシート(HTML) 6 Page - Texas Instruments

Back Button AM571X Datasheet HTML 2Page - Texas Instruments AM571X Datasheet HTML 3Page - Texas Instruments AM571X Datasheet HTML 4Page - Texas Instruments AM571X Datasheet HTML 5Page - Texas Instruments AM571X Datasheet HTML 6Page - Texas Instruments AM571X Datasheet HTML 7Page - Texas Instruments AM571X Datasheet HTML 8Page - Texas Instruments AM571X Datasheet HTML 9Page - Texas Instruments AM571X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 396 page
background image
6
AM5718, AM5716
SPRS957D – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between AM571x devices, highlighting the differences. For a comparison
of the full AM57xx family of devices, refer to Parametric Table.
Table 3-1. Device Comparison
FEATURES
DEVICE
AM5718
AM5716
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register bitfield value(4)
AM5718: 55 (0x37)
AM5716: 53 (0x35)
AM5718-E: 56 (0x38)
AM5716-E: 54 (0x36)
Processors/ Accelerators
Speed Grades
X
X, D
ARM Single Cortex-A15 Microprocessor Subsystem
(MPU)
MPU core 0
Yes
C66x VLIW DSP
DSP1
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
No
Display Subsystem
VOUT1
Yes
No
VOUT2
Yes
No
VOUT3
Yes
No
HDMI
Yes
No
Dual ARM Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
IPU2(2)
Yes
Image Video Accelarator (IVA)
IVA
Yes
No
SGX544 Single-Core 3D Graphics Processing Unit
(GPU)
GPU
Yes
No
Video Input Port 1 (VIP1)
vin1a
Yes
vin1b
Yes
vin2a
Yes
vin2b
Yes
Video Processing Engine (VPE)
VPE
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
DDR3 Memory Controller
EMIF1
up to 2GB across single chip select
Dynamic Memory Manager (DMM)
DMM
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Not Supported (1)
Viterbi Coprocessor (VCP)
VCP1
Not Supported (1)
VCP2
Not Supported (1)
Peripherals
Dual Controller Area Network (DCAN) Interface
DCAN1
Yes
DCAN2
Yes
Enhanced DMA (EDMA)
EDMA
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
General Purpose I/O (GPIO)
GPIO
up to 215
Inter-Integrated Circuit (I2C) Interface
I2C
5


同様の部品番号 - AM571X

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM571x TI1-AM571x Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
More results

同様の説明 - AM571X

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM5718 TI1-AM5718_16 Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5729 TI1-AM5729 Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718-HIREL TI1-AM5718-HIREL Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
[Old version datasheet]   AM571x Sitara??Processors Silicon Revision 2.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM6548 TI-AM6548_V02 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548_V03 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI-AM6548_V04 Datasheet
6Mb / 284P
[Old version datasheet]   AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com