データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5243B データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 1N5243B
部品情報  Zener Diode Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5243B データシート(HTML) 1 Page - Central Semiconductor Corp

  1N5243B Datasheet HTML 1Page - Central Semiconductor Corp 1N5243B Datasheet HTML 2Page - Central Semiconductor Corp 1N5243B Datasheet HTML 3Page - Central Semiconductor Corp 1N5243B Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPZ28X
Zener Diode Die
0.5W, 2.4 THRU 75 VOLT
Die Size
13 x 13 MILS
Die Thickness
5.5 MILS
Anode Bonding Pad Size
7.0 x 7.0 MILS
Top Side Metalization
Ti/Al – 13,000Å
Back Side Metalization
Au-As – 9,000Å
Scribe Alley Width
1.97 MILS
Wafer Diameter
5 INCHES
Gross Die Per Wafer
101,184
The CPZ28X silicon Zener diode series is ideal for all types of commercial, industrial, entertainment,
and computer applications. The Zener voltage tolerance is ±5%. See packing options for ordering
information.
MECHANICAL SPECIFICATIONS:
BACKSIDE CATHODE
R0
MAXIMUM RATINGS:
SYMBOL
UNITS
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.1V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR
@
VR
V
Z
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
1N5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
1N5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
1N5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
1N5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
1N5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
1N5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
1N5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
1N5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
1N5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
1N5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
1N5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
1N5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
1N5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
1N5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
1N5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
1N5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
1N5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
1N5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
1N5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
1N5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
1N5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
1N5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
1N5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
1N5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
1N5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
1N5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
R0 (23-March 2015)
www.centr a lsemi.
com


同様の部品番号 - 1N5243B

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N5243B VISHAY-1N5243B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5243B MCC-1N5243B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5243B TGS-1N5243B Datasheet
264Kb / 3P
   Zener diode
logo
Tak Cheong Electronics ...
1N5243B TAK_CHEONG-1N5243B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N5243B YEASHIN-1N5243B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

同様の説明 - 1N5243B

メーカー部品番号データシート部品情報
logo
Silicon Supplies
1N4617 SS-1N4617 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
First Silicon Co., Ltd
BZX84C2V4 FS-BZX84C2V4 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
logo
Central Semiconductor C...
CPZ18-BZX55C3V3 CENTRAL-CPZ18-BZX55C3V3 Datasheet
547Kb / 5P
   Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
   Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
   Silicon Planar Zener diode in bare die form ??5% tolerance
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
ABB
5SLX12K1711 ABB-5SLX12K1711 Datasheet
54Kb / 3P
   Fast-Diode Die
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
ABB
5SLX12M3301 ABB-5SLX12M3301 Datasheet
54Kb / 3P
   Fast-Diode Die
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com