データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC13980 データシート(PDF) 2 Page - Cree, Inc

部品番号 FC13980
部品情報  ANGELA series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

FC13980 データシート(HTML) 2 Page - Cree, Inc

  FC13980 Datasheet HTML 1Page - Cree, Inc FC13980 Datasheet HTML 2Page - Cree, Inc FC13980 Datasheet HTML 3Page - Cree, Inc FC13980 Datasheet HTML 4Page - Cree, Inc FC13980 Datasheet HTML 5Page - Cree, Inc FC13980 Datasheet HTML 6Page - Cree, Inc FC13980 Datasheet HTML 7Page - Cree, Inc FC13980 Datasheet HTML 8Page - Cree, Inc FC13980 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Note: Fastening with connector,
see related Angela/Angelina datasheet
A
H
B
G
3
2
4
1
DESIGNED BY
-
DATE
CHECKED BY
DATE
DRAWN BY
joni.palm
DATE
REV
001
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
Control for SPC marked dimensions.
SCALE
1:1 WEIGHT
(g)
SHEET
1/1
SIZE
A3
DRAWING TITLE
Datasheet Angela assembly
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
LEDiL PROPRIETARY
This drawing is the property of LEDiL Oy. It may not be reproduced,
copied or communicated without a written agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL
1
F13671
ANGE-RZ-LENS
PC
2
All ANGELA versions
PC
23.9.2013
-
119
. 5
Top view
Front view
This drawing applies to:
FC13991_ANGELA-RZ-S
FC13992_ANGELA-RZ-M
FC13993_ANGELA-RZ-W
FC13994_ANGELA-RZ-XW
FC13980_ANGELA-RZ-S-B
FC13987_ANGELA-RZ-M-B
FC13988_ANGELA-RZ-W-B
FC13983_ANGELA-RZ-XW-B
Isometric view
Isometric mounting view
Scale: 2:3


同様の部品番号 - FC13980

メーカー部品番号データシート部品情報
logo
Cree, Inc
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
   ANGELA series
FC13987 CREE-FC13987 Datasheet
2Mb / 17P
   ANGELA series
FC13988 CREE-FC13988 Datasheet
2Mb / 17P
   ANGELA series
More results

同様の説明 - FC13980

メーカー部品番号データシート部品情報
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
   ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
   ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
   ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
   ANGELA series
F13663 CREE-F13663 Datasheet
5Mb / 100P
   ANGELA series
FC13987 CREE-FC13987 Datasheet
2Mb / 17P
   ANGELA series
F13379 CREE-F13379 Datasheet
5Mb / 100P
   ANGELA series
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
   ANGELA series
logo
Ledil, Inc.
F13379 LEDIL-F13379 Datasheet
9Mb / 209P
   Angela series
F13381 LEDIL-F13381 Datasheet
9Mb / 219P
   Angela series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com