データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RZT7-03ZUS-KR0 データシート(PDF) 2 Page - SICK AG

部品番号 RZT7-03ZUS-KR0
部品情報  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SICK [SICK AG]
ホームページ  http://www.sick.com/
Logo SICK - SICK AG

RZT7-03ZUS-KR0 データシート(HTML) 2 Page - SICK AG

  RZT7-03ZUS-KR0 Datasheet HTML 1Page - SICK AG RZT7-03ZUS-KR0 Datasheet HTML 2Page - SICK AG RZT7-03ZUS-KR0 Datasheet HTML 3Page - SICK AG RZT7-03ZUS-KR0 Datasheet HTML 4Page - SICK AG RZT7-03ZUS-KR0 Datasheet HTML 5Page - SICK AG RZT7-03ZUS-KR0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RZT7-03ZUS-KR0 | RZT7
SENSORS FOR T-SLOT CYLINDERS
Ordering information
Type
Part no.
RZT7-03ZUS-KR0
1070857
Other models and accessories
www.sick.com/RZT7
Detailed technical data
Features
Cylinder type
T-slot
Cylinder types with adapter
Profile cylinder
Tie rod cylinder
Round body cylinder
Dovetail groove cylinder
SMC rail CDQ2
SMC rail ECDQ2
Housing length
29.5 mm
Output type
Reed
Switching frequency
± 400 Hz
Output function
NO
Electrical wiring
AC/DC 2-wire
Enclosure rating
IP65, IP67 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
5 V AC/DC ... 30 V AC/DC 1)
Voltage drop
≤ 3.5 V
Continuous current Ia
≤ 100 mA 2)
Switching capacity
≤ 6 W
Protection class
III
Response sensitivity, typ.
3 mT
Overrun distance, typ.
10 mm
Reproducibility
≤ 0.1 mT 3)
Status indicator LED
Ambient operating temperature
–30 °C ... +80 °C
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) AC.
3) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice


同様の部品番号 - RZT7-03ZUS-KR0

メーカー部品番号データシート部品情報
logo
SICK AG
RZT7-03ZUS-KP0 SICK-RZT7-03ZUS-KP0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZUS-KQ0 SICK-RZT7-03ZUS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZUS-KU0 SICK-RZT7-03ZUS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZUS-KUB SICK-RZT7-03ZUS-KUB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZUS-KW0 SICK-RZT7-03ZUS-KW0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

同様の説明 - RZT7-03ZUS-KR0

メーカー部品番号データシート部品情報
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com