データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV809 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV809
部品情報  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 データシート(HTML) 4 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV803, TLV853, TLV863
SBVS157C – APRIL 2011 – REVISED SEPTEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD(2)
0
7
Voltage
V
All other pins(2)
–0.3
+7
Maximum low output current, IOL
5
Maximum high output current, IOH
–5
Current
mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±20
Output clamp current, IOK (VO < 0 or VO > VDD)
±20
Operating junction temperature range, TJ
–40
125
Temperature
°C
Storage temperature range, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 7 V for more than t = 1000h
continuously
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Thermal Information
TLV8x3
THERMAL METRIC(1)
DBZ (SOT-23)
UNITS
3 PINS
RθJA
Junction-to-ambient thermal resistance
328.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
135.4
°C/W
RθJB
Junction-to-board thermal resistance
58.3
°C/W
ψJT
Junction-to-top characterization parameter
5.2
°C/W
ψJB
Junction-to-board characterization parameter
59.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Recommended Operating Conditions
at specified temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
1.1
6
V
TJ
Operating junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863


同様の部品番号 - TLV809

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI1-TLV809 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV809E TI-TLV809E Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
MAY 2021
TLV809E TI-TLV809E Datasheet
2Mb / 49P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
More results

同様の説明 - TLV809

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com