データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP464AIRGTT データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP464AIRGTT
部品情報  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464AIRGTT データシート(HTML) 7 Page - Texas Instruments

Back Button TMP464AIRGTT Datasheet HTML 3Page - Texas Instruments TMP464AIRGTT Datasheet HTML 4Page - Texas Instruments TMP464AIRGTT Datasheet HTML 5Page - Texas Instruments TMP464AIRGTT Datasheet HTML 6Page - Texas Instruments TMP464AIRGTT Datasheet HTML 7Page - Texas Instruments TMP464AIRGTT Datasheet HTML 8Page - Texas Instruments TMP464AIRGTT Datasheet HTML 9Page - Texas Instruments TMP464AIRGTT Datasheet HTML 10Page - Texas Instruments TMP464AIRGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Series Resistance (:)
0
500
1000 1500 2000 2500 3000 3500 4000 4500
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
V+ = 1.8 V
V+ = 3.6 V
Differential Capacitance (nF)
0
2
4
6
8
10
12
14
16
18
20
-40
-35
-30
-25
-20
-15
-10
-5
0
Leakage Resistance (M:)
1
10
100
-40
-30
-20
-10
0
10
20
30
40
D+ to V+
D+ to GND
Device Junction Temperature (°C)
60
-40
40
120
80
100
1
-0.6
-0.4
-0.2
0
0.2
0.4
0.8
0.6
Min Limit
-0.8
-1
Max Limit
Average + 3V
-20
0
20
Average - 3V
Typical Units
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
Device Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
7
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C and V+ = 3.6 V (unless otherwise noted)
Typical behavior of 75 devices over temperature at V+ = 1.8 V
Figure 2. Local Temperature Error vs Ambient Temperature
Typical behavior of 75 devices over temperature at V+ = 1.8 V
with the remote diode junction at 150°C.
Figure 3. Remote Temperature Error vs Device Junction
Temperature
Typical behavior of 30 devices over temperature with V+ from 1.8
V to 3.6 V
Figure 4. Remote Temperature Error Power Supply
Sensitivity vs Device Junction Temperature
Figure 5. Remote Temperature Error vs Leakage Resistance
No physical capacitance during measurement
Figure 6. Remote Temperature Error vs Series Resistance
No physical series resistance on D+, D– pins during measurement
Figure 7. Remote Temperature Error vs
Differential Capacitance


同様の部品番号 - TMP464AIRGTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
More results

同様の説明 - TMP464AIRGTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
[Old version datasheet]   TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
[Old version datasheet]   TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com