データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT244ATLBGB データシート(PDF) 3 Page - Integrated Device Technology

部品番号 74FCT244ATLBGB
部品情報  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT244ATLBGB データシート(HTML) 3 Page - Integrated Device Technology

  74FCT244ATLBGB Datasheet HTML 1Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 2Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 3Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 4Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 5Page - Integrated Device Technology 74FCT244ATLBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1µA
IIL
Input LOW Current(4)
VCC = Max.
VI = 0.5V
±1µA
IOZH
High Impedance Output Current
VCC = Max
VO = 2.7V
±1µA
IOZL
(3-State output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1µA
VIK
ClampDiodeVoltage
VCC = Min, IIN = -18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. The test limit for this parameter is ±5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min
IOH = –6mA MIL
2.4
3.3
VIN = VIH or VIL
IOH = –8mA IND
V
IOH = –12mA MIL
2
3
IOH = –15mA IND
VOL
OutputLOWVoltage
VCC = Min
IOL = 48mA MIL
0.3
0.55
V
VIN = VIH or VIL
IOL = 64mA IND
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
OUTPUT DRIVE CHARACTERISTICS


同様の部品番号 - 74FCT244ATLBGB

メーカー部品番号データシート部品情報
logo
Texas Instruments
74FCT244 TI-74FCT244 Datasheet
20Kb / 3P
[Old version datasheet]   FCT Interface Logic Octal Buffers/Line Drivers, Three-State
logo
Integrated Device Techn...
74FCT244 IDT-74FCT244 Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT244TAT ETC2-74FCT244TAT Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

同様の説明 - 74FCT244ATLBGB

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com