データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR23625CFPDRRT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR23625CFPDRRT
部品情報  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CFPDRRT データシート(HTML) 5 Page - Texas Instruments

  LMR23625CFPDRRT Datasheet HTML 1Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 2Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 3Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 4Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 5Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 6Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 7Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 8Page - Texas Instruments LMR23625CFPDRRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LMR23625
www.ti.com
SNVSAH3B – DECEMBER 2015 – REVISED APRIL 2017
Product Folder Links: LMR23625
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a maximum junction temperature (TJ) of 125 °C, which is
illustrated in Recommended Operating Conditions section.
6.4 Thermal Information
THERMAL METRIC (1) (2)
DDA (8 PINS)
UNIT
RθJA
Junction-to-ambient thermal resistance
42.0
°C/W
ψJT
Junction-to-top characterization parameter
5.9
ψJB
Junction-to-board characterization parameter
23.4
RθJC(top)
Junction-to-case (top) thermal resistance
45.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.6
RθJB
Junction-to-board thermal resistance
23.4
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40 °C to +125 °C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25 °C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY (VIN PIN)
VIN
Operation input voltage
4.5
36
V
VIN_UVLO
Under voltage lockout thresholds
Rising threshold
3.4
3.7
3.9
V
Falling hysteresis
0.4
ISHDN
Shutdown supply current
VEN = 0 V, VIN = 4.5 V to 36 V, TJ = -40
°C to 125 °C
2.0
4.0
μA
IQ
Operating quiescent current (non-
switching)
VIN =12 V, VFB = 1.1 V, TJ = -40 °C to
125 °C, PFM mode
75
μA
ENABLE (EN PIN)
VEN_H
Enable rising threshold Voltage
1.4
1.55
1.7
V
VEN_HYS
Enable hysteresis voltage
0.4
V
VWAKE
Wake-up threshold
0.4
V
IEN
Input leakage current at EN pin
VIN = 4.5 V to 36 V, VEN= 2 V
10
100
nA
VIN = 4.5 V to 36 V, VEN= 36 V
1
μA
VOLTAGE REFERENCE (FB PIN)
VREF
Reference voltage
VIN = 4.5 V to 36 V, TJ = 25 °C
0.985
1.0
1.015
V
VIN = 4.5 V to 36 V, TJ = -40 °C to 125 °C
0.980
1.0
1.020
ILKG_FB
Input leakage current at FB pin
VFB= 1 V
10
nA
INTERNAL LDO (VCC PIN)
VCC
Internal LDO output voltage
4.1
V
VCC_UVLO
VCC under voltage lockout thresholds
Rising threshold
2.8
3.2
3.6
V
Falling threshold
2.4
2.8
3.2
CURRENT LIMIT
IHS_LIMIT
Peak inductor current limit
3.6
4.8
6.2
A
ILS_LIMIT
Valley inductor current limit
2.8
3.5
4.6
A
IL_ZC
Zero cross current limit
-0.04
A
IL_NEG
Negative current limit (FPWM Option)
-2.7
-2.0
-1.3
A
INTEGRATED MOSFETS
RDS_ON_HS
High-side MOSFET ON-resistance
VIN = 12 V, IOUT = 1 A
185
m
RDS_ON_LS
Low-side MOSFET ON-resistance
VIN = 12 V, IOUT = 1 A
105
m
THERMAL SHUTDOWN
TSHDN
Thermal shutdown threshold
162
170
178
°C
THYS
Hysteresis
15
°C


同様の部品番号 - LMR23625CFPDRRT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625CFPQDRRTQ1 TI1-LMR23625CFPQDRRTQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results

同様の説明 - LMR23625CFPDRRT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com