データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC3564BT-70 データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC3564BT-70
部品情報  64K (8192-word8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564BT-70 データシート(HTML) 9 Page - Sanyo Semicon Device

  LC3564BT-70 Datasheet HTML 1Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 2Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 3Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 4Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 5Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 6Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 7Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 8Page - Sanyo Semicon Device LC3564BT-70 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PS No. 5804-9/9
LC3564B, BS, BM, BT-70/10
This catalog provides information as of May, 1998. Specifications and information herein are subject to change
without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Data retention supply voltage
VDR
VCE2 ≤ 0.2 V or
2.0
5.5
µA
VCE1 ≥ VCC – 0.2 V, VCE2 ≥ VCC – 0.2 V
VCC = 3V, VCE2 ≤ 0.2 V,
Ta
≤ 70°C
0.8
µA
Data retention supply current
ICCDR
or VCE1 ≥ VCC – 0.2 V,
VCE2 ≥ VCC – 0.2 V
Ta
≤ 85°C
2.5
Chip enable setup time
tCDR
0
ns
Chip enable hold time
tR
tRC*
ns
Data Retention Characteristics at Ta = –40 to +85°C
Note *: tRC is the read cycle time.
Note *:In 5-V operation: 4.5 V
In 3-V operation: 2.7 V
Data retention mode
Data Retention Waveforms (1): CE1 Control
Notes on Circuit Design
When actually design a circuit using these devices, take the following points into consideration and design the circuit so
that none of the maximum rating items are ever exceeded.
• Variations in the supply voltage
• Variations in the electrical characteristics of components such as semiconductor devices, resistors, and capacitors.
• Ambient temperature
• Variations in input and clock signals
• Possible application of abnormal pulses
Also, these devices must be operated within the ranges stipulated in the allowable operating ranges.
If CMOS IC input pins are left open, intermediate potential input voltages may occur leading to incorrect operation due
to through currents or other phenomenon. Applications must handle unused input pins appropriately.
Data Retention Waveforms (2): CE2 Control
Data retention mode


同様の部品番号 - LC3564BT-70

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-55U SANYO-LC3564CM-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-70U SANYO-LC3564CM-70U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT SANYO-LC3564CT Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT-55U SANYO-LC3564CT-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

同様の説明 - LC3564BT-70

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com