データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM185-1.2 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM185-1.2
部品情報  Micropower Voltage Reference Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185-1.2 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM185-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM185-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Thermal Resistance
TO-92
TO-46
SO-8
SOT23
θ
JA (junction to ambient)
180˚C/W (0.4" leads)
440˚C/W
165˚C/W
283˚C/W
170˚C/W (0.125" leads)
θ
JC (junction to case)
N/A
80˚C/W
N/A
N/A
Note 4: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA =TJ = 25˚C.
Note 5: Guaranteed and 100% production tested.
Note 6: Guaranteed, but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 7: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX
and TMIN, divided by TMAX −TMIN. The measured temperatures are −55˚C, −40˚C, 0˚C, 25˚C, 70˚C, 85˚C, 125˚C.
Note 8: A military RETS electrical specification is available on request.
Typical Performance Characteristics
Reverse Characteristics
Reverse Characteristics
00551813
00551814
Forward Characteristics
Temperature Drift of 3
Representative Units
00551815
00551816
Reverse Dynamic Impedance
Reverse Dynamic Impedance
00551817
00551818
www.national.com
4


同様の部品番号 - LM185-1.2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM185-1.2 NSC-LM185-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM185-1.2 LINER-LM185-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM185-1.2 LINER-LM185-1.2 Datasheet
153Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-1.2-N TI-LM185-1.2-N Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
More results

同様の説明 - LM185-1.2

メーカー部品番号データシート部品情報
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com