データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4001G データシート(PDF) 1 Page - HY ELECTRONIC CORP.

部品番号 1N4001G
部品情報  GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1N4001G データシート(HTML) 1 Page - HY ELECTRONIC CORP.

  1N4001G_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. 1N4001G_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. 1N4001G_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic
Polarity: Color band denotes cathode
Weight: 0.012 ounces , 0.34 grams
Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
1N4001G thru 1N4007G
1.1
IR
50
5.0
μA
IFSM
A
I(AV)
GLASS PASSIVATED RECTIFIERS
15
50
-55 to +150
-55 to +150
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance junction to case
A
30
REVERSE VOLTAGE
- 50
to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
1.0
DO- 41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
DIA
DIA
.205(5.2)
.165(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.


同様の部品番号 - 1N4001G_17

メーカー部品番号データシート部品情報
logo
Formosa MS
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
More results

同様の説明 - 1N4001G_17

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com