データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1G データシート(PDF) 1 Page - HY ELECTRONIC CORP.

部品番号 ES1G
部品情報  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES1G データシート(HTML) 1 Page - HY ELECTRONIC CORP.

  ES1G Datasheet HTML 1Page - HY ELECTRONIC CORP. ES1G Datasheet HTML 2Page - HY ELECTRONIC CORP. ES1G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Super fast switching time for high efficiency
Low forward voltage drop and
high current capability
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Case: Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.053 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
ES1A
ES1B
ES1D
ES1G
ES1J
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
1.3
1.70
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
ES1A thru ES1J
SURFACE MOUNT SUPER FAST
GLASS PASSIVATED RECTIFERS
REVERSE VOLTAGE
- 50
to 600 Volts
FORWARD CURRENT - 1.0 Ampere
Dimensions in inches and (millimeters)
I(AV)
1.0
A
IFSM
30
A
0.95
IR
5.0
μA
100
35
30
25
40
3.Thermal resistance junction to ambient.
-55 to +150
-55 to +150
NOTES: 1.Measured with IF=0.5A, IR=1A, IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
SMA
.049(1.25)
.065(1.65)
.114(2.90)
.093(2.35)
.181(4.60)
.157(4.00)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


同様の部品番号 - ES1G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
ES1G PANJIT-ES1G Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Suntan Capacitors
ES1G SUNTAN-ES1G Datasheet
207Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
ES1G YENYO-ES1G Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Diodes Incorporated
ES1G DIODES-ES1G Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
logo
Shanghai Yint Electroni...
ES1G YINT-ES1G Datasheet
533Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results

同様の説明 - ES1G

メーカー部品番号データシート部品情報
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_08 Datasheet
208Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
HY ELECTRONIC CORP.
ES2AA HY-ES2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A_17 Datasheet
156Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA Datasheet
88Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com