データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ES6254 データシート(PDF) 4 Page - Integrated Device Technology

部品番号 MC100ES6254
部品情報  2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES6254 データシート(HTML) 4 Page - Integrated Device Technology

  MC100ES6254_13 Datasheet HTML 1Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 2Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 3Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 4Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 5Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 6Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 7Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 8Page - Integrated Device Technology MC100ES6254_13 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC100ES6254 REV. 7 JANUARY 7, 2013
4
©2013 Integrated Device Technology, Inc.
MC100ES6254 Data Sheet
2.5/3.3V DIFFERENTIAL LVPECL 2X2 CLOCK SWITCH AND FANOUT BUFFER
Table 5. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output termination voltage
VCC–2(1)
1. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
V
MM
ESD Protection (Machine model)
200
V
HBM
ESD Protection (Human body model)
2000
V
CDM
ESD Protection (Charged device model)
1500
V
LU
Latch-up immunity
200
mA
CIN
4.0
pF
Inputs
JA
Thermal resistance junction to ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
JC
Thermal resistance junction to case
23.0
26.3
C/W
MIL-SPEC 883E Method 1012.1
Operating junction temperature(2)
(continuous operation)
MTBF = 9.1 years
2. Operating junction temperature impacts device life time. Maximum continuous operating junction temperature should be selected according
to the application life time requirements (See application note AN1545 and the application section in this data sheet for more information).
The device AC and DC parameters are specified up to 110
C junction temperature allowing the MC100ES6254 to be used in applications
requiring industrial temperature range. It is recommended that users of the MC100ES6254 employ thermal modeling analysis to assist in
applying the junction temperature specifications to their particular application.
110
C
TFunc
Functional temperature range
TA = –40
TJ = +110
C


同様の部品番号 - MC100ES6254_13

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
MC100ES6254AC IDT-MC100ES6254AC Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6254AC RENESAS-MC100ES6254AC Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254ACR2 IDT-MC100ES6254ACR2 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES6254ACR2 RENESAS-MC100ES6254ACR2 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254FA IDT-MC100ES6254FA Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
More results

同様の説明 - MC100ES6254_13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com