データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX273M025A032 データシート(PDF) 1 Page - Cornell Dubilier Electronics

部品番号 380LX273M025A032
部品情報  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX273M025A032 データシート(HTML) 1 Page - Cornell Dubilier Electronics

  380LX273M025A032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX273M025A032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Temperature Range
–40 °C to +85 °C ≤ 250 Vdc
–25 °C to +85 °C ≥ 315 Vdc
Rated Voltage Range
16 Vdc to 500 Vdc
Capacitance Range
33 µF to 270,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3√CV µA at 5 min
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–500 Vdc)
Endurance Life Test
3,000 h @ full load at +85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1,000 h @ 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane
RoHS Compliant
The excellent value of Type 380L/LX capacitors finds application in
switching power supply input and output circuits and even motor
drives where the high surface area of multiple units in parallel
approaches the ripple capability of our Type 520C computer-grade
capacitor. Type 380LX delivers more capacitance per can size while
Type 380L available in the largest case sizes gives lower ESR for the
same capacitance. Types 382L and 382LX give the choice of 4 or 5
leads for stable, reverse proof mounting.
Highlights
- Latest available ratings, worldwide
- Top performance in power supplies and motor drives
- Big selection of 49 case sizes
- 2, 4 and 5 leads available
Specifications
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
1.5
1.4
1.3
1.0
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
16 - 100 WV 0.93
0.95
1.00
1.05
1.08
1.15
160 - 450 WV 0.75
0.80
1.00
1.20
1.25
1.40
Ambient Temperature
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


同様の部品番号 - 380LX273M025A032

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX273M025A032 CDE-380LX273M025A032 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX273M025A032

メーカー部品番号データシート部品情報
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com