データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

935H2W3K-F データシート(PDF) 3 Page - Cornell Dubilier Electronics

部品番号 935H2W3K-F
部品情報  High Current Capacitors for Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935H2W3K-F データシート(HTML) 3 Page - Cornell Dubilier Electronics

  935H2W3K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 935H2W3K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 935H2W3K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 935H2W3K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 935H2W3K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Max. ESR
Max. Ripple Current Amps RMS 20-100 kHz
Cap.
Catalog
D
L
L1
20-100 kHz dV/dt
Case Temperature
(µF)
Part Number
mm
mm
mm
(mΩ)
(V/μs)
25 ºC 35 ºC 45 ºC 55 ºC 65 ºC 75 ºC 85 ºC
100 Vdc (70 Vac)
1
935H1W1K-F
11.9 ± 1.6
19.0
41.6
15
25
10.3
9.5
8.7
7.8
6.7
5.5
5.0
2
935H1W2K-F
13.6 ± 1.6
23.8
46.4
12
16
12.0
11.0
10.0
8.9
7.8
6.3
5.8
3
935H1W3K-F
15.8 ± 2.4
23.8
46.4
11
16
13.3
12.3
11.2
10.0
8.7
7.1
6.5
5
935H1W5K-F
16.3 ± 2.4
31.7
53.3
10
10
14.8
13.7
12.5
11.2
9.7
7.9
7.2
10
935H1W10K-F
20.4 ± 2.4
38.1
57.2
9
8
17.8
16.5
15.0
13.5
11.7
9.5
8.7
20
935H1W20K-F
22.2 ± 3.2
57.1
77.6
8
5
21.6
20.0
18.3
16.4
14.2 11.6
10.6
30
935H1W30K-F
27.3 ± 3.2
57.1
77.6
6
5
24.3
22.5
20.5
18.4
15.9 13.0
11.9
200 Vdc (140 Vac)
1
935H2W1K-F
11.4 ± 1.6
31.7
53.3
20
15
7.3
7.3
7.3
7.3
7.3
6.4
5.8
2
935H2W2K-F
15.4 ± 2.4
31.7
53.3
15
15
14.3
13.3
12.1
10.8
9.4
7.7
7.0
3
935H2W3K-F
16.6 ± 2.4
38.1
57.2
13
12
15.9
14.7
13.5
12.0
10.4
8.5
7.8
5
935H2W5K-F
19.5 ± 2.4
44.4
65.3
11
9
18.3
17.0
15.5
13.9
12.0
9.8
8.9
10
935H2W10K-F
23.0 ± 3.2
57.1
77.6
9
7
22.4
20.7
18.9
16.9
14.6 12.0
10.9
20
935H2W20K-F
33.4 ± 3.2
57.1
77.6
6
7
27.4
25.4
23.2
20.7
17.9 14.7
13.4
400 Vdc (250 Vac)
1
935H4W1K-F
15.7 ± 2.4
38.1
57.2
19
19
9.5
9.5
9.5
9.5
9.5
8.3
7.5
2
935H4W2K-F
20.4 ± 2.4
44.4
65.3
15
16
15.0
15.0
15.0
14.2
12.3 10.0
9.1
3
935H4W3K-F
24.4 ± 3.2
44.4
65.3
12
16
21.1
19.5
17.8
15.9
13.8 11.3
10.3
5
935H4W5K-F
27.1 ± 3.2
57.1
77.6
10
11
24.4
22.6
20.6
18.5
16.0 13.1
11.9
10
935H4W10K-F
39.2 ± 3.2
57.1
77.6
6
11
30.0
27.8
25.4
22.7
19.7 16.1
14.7
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Lug Leads
Type 935C, Metallized Polypropylene Capacitors for High Frequency Filtering
High Current Capacitors for Switching Power Supplies
NOTE: Other ratings, sizes and performance specifications are available. Contact us.


同様の部品番号 - 935H2W3K-F

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
935H2W3K-F CDE-935H2W3K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
935H2W3K-F CDE-935H2W3K-F Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
More results

同様の説明 - 935H2W3K-F

メーカー部品番号データシート部品情報
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
   High Current Switching DC Power Supplies
logo
Cornell Dubilier Electr...
DPM2S1K-F CDE-DPM2S1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com