データシートサーチシステム |
|
380LX183M050A452 データシート(PDF) 3 Page - Cornell Dubilier Electronics |
|
380LX183M050A452 データシート(HTML) 3 Page - Cornell Dubilier Electronics |
3 / 12 page Insulated Case Dimensions Typical Performance Curves Case Code DIAMETER “D” LENGTH “L” Typical Weight Case Code DIAMETER “D” LENGTH “L” Typical Weight mm inches mm inches (grams) mm inches mm inches (grams) H20 22 0.87 20 0.79 14 A04 35 1.38 40 1.57 62 H01 22 0.87 25 0.98 16 A45 35 1.38 45 1.77 67 H02 22 0.87 30 1.18 19 A05 35 1.38 50 1.97 74 H03 22 0.87 35 1.38 22 A55 35 1.38 55 2.17 80 H04 22 0.87 40 1.57 24 A06 35 1.38 63 2.48 88 H45 22 0.87 45 1.77 28 A07 35 1.38 70 2.76 98 H05 22 0.87 50 1.97 31 A08 35 1.38 80 3.15 112 J20 25 0.98 20 0.79 16 A10 35 1.38 105 4.13 144 J01 25 0.98 25 0.98 20 N04 40 1.57 40 1.57 82 J02 25 0.98 30 1.18 24 N05 40 1.57 50 1.97 105 J03 25 0.98 35 1.38 27 N06 40 1.57 63 2.48 130 J04 25 0.98 40 1.57 31 N08 40 1.57 80 3.15 185 J45 25 0.98 45 1.77 35 N10 40 1.57 105 4.13 265 J05 25 0.98 50 1.97 38 E05 45 1.77 50 1.97 122 K20 30 1.18 20 0.79 25 E06 45 1.77 63 2.48 150 K01 30 1.18 25 0.98 30 E75 45 1.77 75 2.65 200 K02 30 1.18 30 1.18 35 E08 45 1.77 80 3.15 213 K03 30 1.18 35 1.38 40 E09 45 1.77 92 3.62 238 K04 30 1.18 40 1.57 44 E10 45 1.77 105 4.13 299 K45 30 1.18 45 1.77 48 B05 50 1.97 50 1.97 136 K05 30 1.18 50 1.97 53 B06 50 1.97 63 2.48 168 A20 35 1.38 20 0.79 35 B08 50 1.97 80 3.15 239 A01 35 1.38 25 0.98 42 B09 50 1.97 92 3.62 241 A02 35 1.38 30 1.18 48 B10 50 1.97 105 4.13 325 A03 35 1.38 35 1.38 54 Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum 2, 4 and 5 pin styles available CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 RatedRipple-Current Multiple Type 380L/LXOperating Life in Kilohoursvs Ripple Current 45 ºC 55 ºC 65 ºC 75 ºC 85 ºC 382LX 272 M 200 N05 2 V Case Type Cap Tolerance Voltage Code Insulation # of pins 380L / LX (2 pins) 272 = 2700 µF M = ±20% 200 = 200 Vdc 2 = PVC Blank = 2 pins / 4 pins snap-in 6.3mm L 382L / LX (4 or 5 pins) 333 = 33000 µF A = 2 pins snap-in 4.0mm L VS = 5 pins snap-in 6.3mm L V = 5 pins standoff |
同様の部品番号 - 380LX183M050A452 |
|
同様の説明 - 380LX183M050A452 |