データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC08EA300J-F データシート(PDF) 3 Page - Cornell Dubilier Electronics

部品番号 MC08EA300J-F
部品情報  High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC08EA300J-F データシート(HTML) 3 Page - Cornell Dubilier Electronics

  MC08EA300J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC08EA300J-F Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MC and MCN Multilayer RF Capacitors
3
Available Capacitance Values
Case Sizes
Standard Minimum Quanti-
Capacitance (pF)
Minimum
Case
Cap.
Code
100 Vdc
500 Vdc
1000 Vdc Step, pF
08
0.5 to 100
0.5 to 20
N/A
0.5
12
43.5 to 100
0.5 to 100
N/A
0.5
12
101 to 430
101 to 150
N/A
1.0
12
0.5 to 50
1.0
18
241 to 820
91.5 to 470
N/A
1.0
22
821 to 1000 471 to 1000
N/A
1.0
22
1010 to 2200 1010 to 1200 50.5 to 1500
10.0
INCHES
MILLIMETERS
Case
Case
L
W
H
I
L
W
H
I
Code
Type
(Max.) Min./Max.
(Max.) Min./Max.
08
0805
0.079
+.02 –0
0.049
+.02 –0
0.055 0.008/0.035
2.0
+0.5 –0
1.25
+0.5 –0
1.4
0.2/0.9
12
1210
0.126
+.024–.004
0.098
+.024–.004
0.079 0.012/0.043
3.2
+0.6 –0.1
2.5
+0.6 –0.1
2.0
0.3/1.1
18
1812
0.177
+.024 –.008
0.126
+.024 –.0
0.079 0.012/0.051
4.5
+0.6 –0.2
3.2
+0.6 –0
2.0
0.3/1.3
22
2220
0.224
+.016 –.012
0.197
+.016 –.012
0.079 0.012/0.051
5.7
+0.4 –0.3
5.0
+0.4 –0.3
2.0*
0.3/1.3
*.157 (4.0 mm) for 1000 V rating
Part Numbering System and Ordering Information
*note - MC12, 100 volt units -250
pF and above, and 500 volt units
-100 pF and above 2000 pc reels
**note - MC22, 1000 volt units -680
pF and above 500 pc reels
MC(N)
22
F
D
122
J
T
F
CDE
Case
Temperature
RoHS
Type
Code
Coefficient
Voltage
Capacitance
Package
(MC only)
MC = Standard
08 = 0805
A = 100 Vdc
010 = 1 pF
Blank = Bulk
MCN complies
(no F required)
MCN = Nonmagnetic 12 = 1210
D = 500 Vdc 1R8 = 1.8 pF
T = Tape & reel
18 = 1812
F = 1000 Vdc (187) = 187 pF
not specific
22 = 2220
182 = 1800 pF
TC
Code
Capacitance
Range (pF)
Temperature
Coefficient ppm/ºC
Capacitance
Drift
C
0.5 to 10
100 ±100
±(0.5% +0.1 pF)
E
10.5 to 30
50 ±50
±(0.1% +0.1 pF)
F
30.5 & up
25 ±25
±(0.05% +0.1 pF)
Order by complete part number, as below. For other options, write your requirement on your RFQ.
Capacitor Tolerance
Tol.
Tolerance
Capacitance
Code
Range
B
±0.1 pF
0.5 pF to 5 pF
C
±0.25 pF 0.5 pF to 100 pF
D
±0.5 pF
0.5 pF to 10 pF
D
±0.50%
50.5 pF to 100 pF
F
±1 pF
5.5 pF to 10 pF
F
±1%
25.5 pF and up
G
±2%
13.0 pF and up
J
±5%
10.5 pF and up
Reel Packed
Case Codes 08 & 12: 3,000/reel*
Case Codes 18 & 22: 1,000/reel**
Bulk Packed
100 per bag


同様の部品番号 - MC08EA300J-F

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
MC08EA300J-F CDE-MC08EA300J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

同様の説明 - MC08EA300J-F

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
MC08CA0R5D-F CDE-MC08CA0R5D-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812SA101KAT1A AVX-1812SA101KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1825CA103JAT1A AVX-1825CA103JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
logo
Silan Microelectronics ...
3VD324600YL SILAN-3VD324600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186700YL SILAN-3VD186700YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com