データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-U90-A1X1-1X0X データシート(PDF) 1 Page - Amphenol Corporation

部品番号 P-U90-A1X1-1X0X
部品情報  HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U90-A1X1-1X0X データシート(HTML) 1 Page - Amphenol Corporation

  P-U90-A1X1-1X0X Datasheet HTML 1Page - Amphenol Corporation P-U90-A1X1-1X0X Datasheet HTML 2Page - Amphenol Corporation P-U90-A1X1-1X0X Datasheet HTML 3Page - Amphenol Corporation P-U90-A1X1-1X0X Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESIGNED
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
A3
SHEET
REV.
QSFP CAGE ASSEMBLY
DATE
APPROVALS
DRAWN
CHECKED
QA APPD
IE APP'D
DWG APP'D
NEW PART NUMBER U90-A101-1001 ADDED
J
TOLERANCES ARE:
DECIMALS
ANGLES
A Division of Amphenol Corp. www.amphenol-highspeed.com
DIMENSIONS ARE IN MILLIMETERS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
UNLESS OTHERWISE SPECIFIED
ZLJ
0.5
0.10
MATERIAL AND FINISH
SEE NOTE 1
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
ECN
TITLE
1 OF 4
OR USED FOR MANUFACTURING PUPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
OCT 06/13
2:1
J
7
CODE IDENT. NO.
03554
F
NOTE ADDED "FOR PIN STYLE REFER TO U90-H1X1-1XXX"
M.LONG
M.LONG
A.GREEN
DEC04/06
DEC04/06
P-U90-A1X1-1X0X
JAN 12/09
ZLJ
DEC04/06
DEC04/06
J.SI
G
REAR STOP MODIFIED
SEP 18/09
ZLJ
H
ADD PIN LENGTH DIMENSION 2.50
APR 10/13
X.X 0.15
X.XX
Amphenol High Speed Interconnects
ZLJ
20.81
9.40
= NO HEAT SINK OR CLIP SHIPPED, CLOSE TOP
1 = NO HEAT SINK OR CLIP SHIPPED, OPEN TOP
2 = STANDARD HEAT SINK (HARD COAT ANODIZED) AND CLIP (H=6.5mm; SAN HEIGHT)
3 = STANDARD HEAT SINK (HARD COAT ANODIZED) AND CLIP (H=4.2mm; PCI HEIGHT)
4 = STANDARD HEAT SINK (HARD COAT ANODIZED) AND CLIP (H=13.5mm; TALL)
A
3.
m [100
HEAT SINK, HEAT SINK CLIP AND DUST COVER ARE SHIPPED LOOSE PIECE.
FACTOR PLUGGABLE (QSFP)TRANSCEIVER SPECIFICATION REVISION 1.0.
2.
CAGE IS INTENDED TO BE COMPLIANT WITH THE QUAD SMALL FORM-
CAGE PLATING: 3.81
"] MIN. NICKEL.
HEAT SINK MATERIAL: ALUMINUM
X
X
U90 - A 1
0
X
1 - 1
AMPHENOL PART NUMBER CONFIGURATION
= TAPE AND REEL PACKAGING W/ HEAT SINK IN SEPARATE TRAY
= TRAY PACKAGING W/ HEAT SINK IN SEPARATE TRAY
T
= TRAY PACKAGING W/ HEAT SINK ASSEMBLED
1
A
(SHIPPED LOOSE PIECE)
= STANDARD HEAT SINK (NICKEL PLATED) AND CLIP (H=4.2mm; PCI HEIGHT)
= WITH DUST COVER
C
D
= WITHOUT DUST COVER
= STANDARD HEAT SINK (NICKEL PLATED) AND CLIP (H=13.5mm; TALL)
0
NOTE:
OPTIONAL DUST COVER
FOR PIN STYLE HEAT SINKS REFER TO DRAWING NUMBER: P-U90-H1X1-1XXX
PACKAGING
HEAT SINK CLIP MATERIAL: STEEL ALLOY
1.
CAGE AND EMI SPRINGS MATERIAL: COPPER ALLOY
B
NOTES:
= STANDARD HEAT SINK (NICKEL PLATED) AND CLIP (H=6.5mm; SAN HEIGHT)
HEAT SINK OPTION
0
PART NUMBER
DIM "J"
DIM "H"
HEAT SINK & CLIP OPTION
U90-A121-1X0X
15.03
6.50
IF HEAT SINK AND CLIP ARE
SHIPPED LOOSE SEE DRAWING
P-U90-1101-AXX0-BP
U90-A131-1X0X
12.73
4.20
U90-A141-1X0X
22.03
13.50
U90-A1A1-1X0X
15.03
6.50
U90-A1B1-1X0X
12.73
4.20
U90-A1C1-1X0X
22.03
13.50
P/N U79-111-9000-P
(SHIPPED LOOSE)
OPTIONAL DUST COVER
P/N U90-1101-A0XX
OPTIONAL HEAT SINK
(SHIPPED WITH CLIP)
VIEW WITH STANDARD HEAT SINK AND CLIP ASSEMBLED
AND OPTIONAL DUST COVER (SHIPPED LOOSE)
(P/N U90-A121-1D0A)
9.63
58.73
J
2.50
VIEW WITHOUT HEAT SINK AND CLIP, CLOSE TOP
(P/N U90-A101-100X)
VIEW OF HEAT SINK
H
VIEW WITHOUT HEAT SINK AND CLIP, OPEN TOP
(P/N U90-A111-100X)


同様の部品番号 - P-U90-A1X1-1X0X

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U90-B105-XXX1-XX0 AMPHENOL-P-U90-B105-XXX1-XX0 Datasheet
476Kb / 4P
   GENERAL TOLERANCES
P-U90-B205-XXX1-XX0 AMPHENOL-P-U90-B205-XXX1-XX0 Datasheet
599Kb / 4P
   GENERAL TOLERANCES
P-U90-B305-XXX1-XX0 AMPHENOL-P-U90-B305-XXX1-XX0 Datasheet
683Kb / 4P
   GENERAL TOLERANCES
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
   CAGE IS INTENDED FOR USE WITH THE
P-U90-G4X1-1XXX AMPHENOL-P-U90-G4X1-1XXX Datasheet
826Kb / 10P
   WITH HEATSINK
More results

同様の説明 - P-U90-A1X1-1X0X

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
384-1017 ETC2-384-1017 Datasheet
71Kb / 2P
   Clip-On Heat Sink
logo
Tyco Electronics
1489948-2 MACOM-1489948-2 Datasheet
22Kb / 1P
   HEAT SINK CLIP XFP
logo
Molex Electronics Ltd.
74736-0230 MOLEX8-74736-0230 Datasheet
52Kb / 1P
   XFP CAGE. HEAT SINK CLIP
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
   HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
   HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
   HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
   HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
   HEAT SINK
HSE-BX-035H-01 CUI-HSE-BX-035H-01 Datasheet
378Kb / 4P
   HEAT SINK
HSB09-212115 CUI-HSB09-212115 Datasheet
391Kb / 3P
   HEAT SINK
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com