データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX221M450A022 データシート(PDF) 7 Page - Cornell Dubilier Electronics

部品番号 380LX221M450A022
部品情報  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX221M450A022 データシート(HTML) 7 Page - Cornell Dubilier Electronics

Back Button 380LX221M450A022 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 10Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 11Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz D x L
(ohms) (ohms)
(A)
(A)
(mm)
63 Vdc (79 Vdc Surge)
10000
382L103M063N042
0.028
0.017
6.60
7.20
40 x 40
12000
380LX123M063K052
0.035
0.026
7.15
8.22
30 x 50
12000
382LX123M063N042 0.035
0.028
7.15
8.22
40 x 40
15000
380LX153M063A052 0.028
0.021
7.91
9.10
35 x 50
18000
380LX183M063A082 0.023
0.012
9.40
10.80 35 x 80
18000
382LX183M063N062 0.028
0.022
9.25
10.60 40 x 63
27000
380LX273M063A102 0.015
0.012
10.38
11.94 35 x 105
27000
382LX273M063N082 0.018
0.015
10.00
11.50 40 x 80
27000
382LX273M063B052V 0.018
0.015
10.86
12.49 50 x 50
33000
382LX333M063N102 0.015
0.012
11.76
13.52 40 x 105
33000
382LX333M063B062V 0.017
0.013
11.57
13.42 50 x 63
47000
382LX473M063B082V 0.013
0.010
12.78
14.70 50 x 80
51000
382LX513M063B092V 0.012
0.010
13.34
15.34 50 x 92
56000
382LX563M063B102V 0.012
0.009
13.93
16.02 50 x 105
80 Vdc (100 Vdc Surge)
680
380LX681M080H012 0.390
0.295
1.00
1.20
22 x 25
1000
380LX102M080H012 0.265
0.200
1.50
1.75
22 x 25
1200
380LX122M080H022 0.235
0.176
1.80
2.10
22 x 30
1500
380LX152M080H022 0.177
0.134
2.30
2.60
22 x 30
1500
380LX152M080K202
0.200
0.150
1.40
1.60
30 x 20
1800
380LX182M080J032
0.147
0.109
2.50
2.90
25 x 35
2200
380LX222M080H452 0.121
0.092
2.70
3.10
22 x 45
2200
380LX222M080K012
0.121
0.092
2.70
3.10
30 x 25
2700
380LX272M080J042
0.123
0.092
2.78
3.20
25 x 40
3300
380LX332M080J042
0.100
0.075
3.21
3.69
25 x 40
3300
380LX332M080K022
0.085
0.065
3.20
3.70
30 x 30
3900
380LX392M080J452
0.080
0.060
3.60
4.10
25 x 45
3900
380LX392M080K042
0.085
0.064
3.59
4.13
30 x 40
4700
380LX472M080J052
0.065
0.050
4.10
4.70
25 x 50
4700
380LX472M080K042
0.071
0.053
4.09
4.70
30 x 40
5600
380LX562M080K452
0.059
0.044
4.55
5.23
30 x 45
5600
380LX562M080A032 0.055
0.040
4.60
5.20
35 x 35
6800
380LX682M080K052
0.049
0.037
5.16
5.93
30 x 50
6800
380LX682M080A042 0.045
0.035
5.20
5.90
35 x 40
8200
380LX822M080A052 0.040
0.030
5.80
6.70
35 x 50
8200
382LX822M080N042 0.040
0.030
5.83
6.70
40 x 40
10000
380LX103M080A052 0.033
0.025
6.40
7.34
35 x 50
12000
380L123M080A072
0.020
0.012
8.10
9.00
35 x 70
12000
382L123M080N052
0.025
0.016
7.50
8.00
40 x 50
15000
380L153M080A082
0.017
0.010
8.80
9.60
35 x 80
15000
382L153M080N062
0.020
0.013
8.50
9.20
40 x 63
18000
382L183M080N082
0.014
0.009
10.30
10.80 40 x 80
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz D x L
(ohms) (ohms)
(A)
(A)
(mm)
80 Vdc (100 Vdc Surge)
18000
382LX183M080B052V
0.023
0.017
10.00 11.50 50 x 50
22000
380LX223M080A102
0.015
0.011
9.86
11.34 35 x 105
22000
382LX223M080B062V
0.019
0.014
11.08 12.74 50 x 63
27000
382LX273M080N102
0.015
0.012
11.35 13.05 40 x 105
27000
382LX273M080B082V
0.015
0.012
12.33 14.18 50 x 80
33000
382LX333M080B092V
0.014
0.010
13.37 15.38 50 x 92
39000
382LX393M080B102V
0.013
0.010
14.34 16.49 50 x 105
100 Vdc (125 Vdc Surge)
470
380LX471M100H012
0.450
0.300
1.10
1.30
22 x 25
560
380LX561M100H012
0.400
0.250
1.30
1.50
22 x 25
680
380LX681M100H012
0.100
0.250
1.30
1.50
22 x 25
1000
380LX102M100H022
0.220
0.150
2.00
2.30
22 x 30
1000
380LX102M100J012
0.220
0.150
2.00
2.30
25 x 25
1200
380LX122M100H032
0.195
0.125
1.80
2.70
22 x 35
1500
380LX152M100H042
0.155
0.100
2.60
3.00
22 x 40
1800
380LX182M100H042
0.140
0.090
2.80
3.30
22 x 40
2200
380LX222M100J042
0.121
0.080
3.14
3.61
25 x 40
2700
380LX272M100J452
0.104
0.068
3.70
4.30
25 x 45
2700
380LX272M100A022
0.092
0.060
3.71
4.27
35 x 30
3300
380LX332M100J052
0.090
0.060
4.10
4.70
25 x 50
3300
380LX332M100K042
0.090
0.060
4.10
4.70
30 x 40
3300
380LX332M100A022
0.100
0.065
4.07
4.68
35 x 30
3900
380LX392M100K452
0.080
0.050
4.50
5.20
30 x 45
3900
380LX392M100K052
0.085
0.055
4.54
5.22
30 x 50
4700
380LX472M100K052
0.071
0.046
5.13
5.90
30 x 50
4700
380LX472M100A042
0.070
0.050
5.10
5.90
35 x 40
5600
380LX562M100A052
0.059
0.041
5.75
6.61
35 x 50
5600
382LX562M100N042
0.060
0.045
5.80
6.60
40 x 40
6800
380LX682M100A052
0.049
0.034
6.60
7.59
35 x 50
6800
382L682M100N052
0.026
0.017
7.40
7.90
40 x 50
8200
382LX822M100N052
0.040
0.030
7.30
8.40
40 x 50
8200
382L822M100N062
0.021
0.013
8.40
9.10
40 x 63
10000
380LX103M100A082
0.033
0.025
8.70
9.60
35 x 80
10000
382LX103M100N062
0.033
0.025
8.00
9.20
40 x 63
10000
382LX103M100B052V
0.033
0.025
8.82
10.14 50 x 50
12000
380LX123M100A102
0.028
0.021
8.57
9.86 35 x 105
12000
382LX123M100N082
0.028
0.021
8.65
10.00 40 x 80
15000
382LX153M100N102
0.022
0.017
10.12 11.64 40 x 105
15000
382LX153M100B062V
0.022
0.017
10.07 11.58 50 x 63
18000
382LX183M100B082V
0.018
0.014
11.00 12.65 50 x 80
22000
382LX223M100B092V
0.015
0.011
11.76 13.52 50 x 92
27000
382LX273M100B102V
0.014
0.010
12.53 14.41 50 x 105


同様の部品番号 - 380LX221M450A022

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX221M450A022 CDE-380LX221M450A022 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX221M450A022

メーカー部品番号データシート部品情報
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com