データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX391M500A052 データシート(PDF) 4 Page - Cornell Dubilier Electronics

部品番号 380LX391M500A052
部品情報  Latest available ratings, worldwide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX391M500A052 データシート(HTML) 4 Page - Cornell Dubilier Electronics

  380LX391M500A052 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX391M500A052 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-2
0
2
4
6
8
10
12
14
16
18
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380L222M050K012
Capacitance,DF, Leakage Current
Leakage (uADC)
DF (%)
Cap Change (%)
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
-10
0
10
20
30
40
50
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX222M100J042
Capacitance,DF, Leakage Current
Leakage
(uADC)
DF
(%)
Cap Change (%)
-10
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX151M400J02
Capacitance,DF, Leakage Current
Leakage
(uADC)
DF (%)
Cap Change (%)
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX331M450K052
Capacitance,DF, Leakage Current
Leakage (uADC)
DF (%)
Cap Change (%)
Typical Performance Curves


同様の部品番号 - 380LX391M500A052

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX391M500A052 CDE-380LX391M500A052 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

同様の説明 - 380LX391M500A052

メーカー部品番号データシート部品情報
logo
PETERMANN-TECHNIK
M8208 PETERMANN-M8208_15 Datasheet
631Kb / 3P
   Worldwide cheapest available SMD-Watch-Crystal
logo
STMicroelectronics
STH12N120K5-2 STMICROELECTRONICS-STH12N120K5-2 Datasheet
812Kb / 21P
   Worldwide best FOM
April 2015 Rev 4
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
   8 Contact Ratings DC ratings optional
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com