データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD2040 データシート(PDF) 2 Page - HY ELECTRONIC CORP.

部品番号 SD2040
部品情報  PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SD2040 データシート(HTML) 2 Page - HY ELECTRONIC CORP.

  SD2040 Datasheet HTML 1Page - HY ELECTRONIC CORP. SD2040 Datasheet HTML 2Page - HY ELECTRONIC CORP. SD2040 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
SD2040 thru SD2045
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
300
100
0
600
10
25
20
50
100
500
400
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
TJ=100
TJ=25
0
FIG. 1 – FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE (℃)
5
25
15
20
50
75
100
125
150
175
10
30
25
200
35
40
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0.1
0.3
0.5
0.7
1.1
1.5
1.3
0.9
1.7
100
10
0.1
1.0
TJ = 25°C
PULSE WIDTH 300us
2% DUTY CYCLE


同様の部品番号 - SD2040

メーカー部品番号データシート部品情報
logo
Dc Components
SD2040 DCCOM-SD2040 Datasheet
32Kb / 2P
   RECTIFIER SPECIALISTS
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040 Datasheet
312Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
logo
Dc Components
SD2040A DCCOM-SD2040A Datasheet
32Kb / 2P
   RECTIFIER SPECIALISTS
logo
HY ELECTRONIC CORP.
SD2040A HY-SD2040A Datasheet
311Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SD2040A HY-SD2040A_V01 Datasheet
311Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

同様の説明 - SD2040

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
S5MS VISHAY-S5MS Datasheet
90Kb / 4P
   SMD Photovoltaic Solar Cell Protection Rectifier
Revision: 02-Nov-09
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
HY ELECTRONIC CORP.
SPA2040 HY-SPA2040 Datasheet
303Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com