データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-U95-Z105-XXX1-XX1 データシート(PDF) 1 Page - Amphenol Corporation

部品番号 P-U95-Z105-XXX1-XX1
部品情報  STACKED COMBO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U95-Z105-XXX1-XX1 データシート(HTML) 1 Page - Amphenol Corporation

  P-U95-Z105-XXX1-XX1 Datasheet HTML 1Page - Amphenol Corporation P-U95-Z105-XXX1-XX1 Datasheet HTML 2Page - Amphenol Corporation P-U95-Z105-XXX1-XX1 Datasheet HTML 3Page - Amphenol Corporation P-U95-Z105-XXX1-XX1 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
Vent hole update for U95-Z105-XX71-X41
E
D
4
E
SCALE:
REV
DWG. NO.
6
OF
A Division of Amphenol Corp. www.amphenol-highspeed.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol High Speed Interconnects
03554
P-U95-Z105-XXX1-XX1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING
1
SHEET
4X25G
Alvin C
DWG SIZE:
WITH EMI GASKET
STACKED COMBO
DRAWING
APR 18/13
APR 18/13
ZLJ
OCT 23/14
1:1
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APP'D
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
THIRD
UNLESS SPECIFIED OTHERWISE
UltraPort QSFP+ 2X1
ANGLE
0.15
0.25
0.5
Title Box Heading Modified
NOV 05/13
ZLJ
ANGULAR DEGREES
MILLIMETERS
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
JS
VENT HOLE FOR PART NUMBER
X X 1
X
U95-Z105-XX71-X21
1 -
D = WITH DUST COVER
U95-Z105-XX61-X01
0 = WITHOUT DUST COVER
OPTIONAL DUST COVER
(RoHS COMPLIANT PER RoHS DIRECTIVE 2011/65/EU)
VENT HOLE FOR PART NUMBER
Ni PLATING FOR CAGE
µm OF NICKEL ON PRESS FIT TAIL AREA.
0.381-1.52 µm OF MATTE TIN OVER 1.27-3.81
U95-Z105-XX61-X21
ON MATING AREA
4 = 0.76 µm MIN. GOLD OVER 1.27-3.81 µm OF NICKEL
CAGE & CONNECTOR CONTACT PLATING
VENT HOLE FOR PART NUMBER
U95-Z105-XX71-X41
VENT HOLE FOR PART NUMBER
RIGHT ARROW POINTING BOTTOM PORT
LEFT ARROW POINTING TOP PORT &
8 = WITH LIGHT PIPE (REVERSED DIRECTION)
EMI GASKET
7 = WITHOUT LIGHT PIPE
RIGHT ARROW POINTING TOP PORT
4 = WITH RECTANGULAR VENT HOLES & WITH EMI COVER
LEFT ARROW POINTING BOTTOM PORT &
6 = WITH LIGHT PIPE (TRIANGULAR OUTLET)
2 = WITH SMALL VENT HOLES & WITH EMI COVER
OPTIONAL LIGHT PIPES
0 = WITH LARGE VENT HOLES & WITH EMI COVER
2 = CHOMERICS S6305 CONDUCTIVE ELASTOMER
1 = CHOMERICS 1273 CONDUCTIVE ELASTOMER
VENT HOLE FOR PART NUMBER
U95-Z105-XX71-X01
DUST COVER (IF ORDERED) SHIPPED LOOSE
LIGHT PIPE: GE LEXAN, OPTICAL GRADE
U95-Z105-XX81-X41
VENT HOLE FOR PART NUMBER
U95-Z105-XX81-X21
VENT HOLE FOR PART NUMBER
U95-Z105-XX81-X01
VENT HOLE FOR PART NUMBER
U95-Z105-XX61-X41
VENT HOLE FOR PART NUMBER
VENT HOLES AND EMI COVER
AMPHENOL PART NUMBER CONFIGURATION
U 9 5 - Z 1 0 5 - X X
NOTES:
MATERIAL
1.
CAGE-PRESS FIT: COPPER ALLOY, NICKEL PLATED
CONNECTOR-PRESS FIT: PLASTIC HOUSING, FLAMMABILITY RATING UL94 V-0.
CONTACTS: PHOSPHOR BRONZE
PLATING OPTION: SEE AMPHENOL PART ON CONFIGURATION
EMI GASKET: CONDUCTIVE ELASTOMER


同様の部品番号 - P-U95-Z105-XXX1-XX1

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U95-Z205-XXX1-XX1 AMPHENOL-P-U95-Z205-XXX1-XX1 Datasheet
262Kb / 4P
   STACKED COMBO
More results

同様の説明 - P-U95-Z105-XXX1-XX1

メーカー部品番号データシート部品情報
logo
XFMRS Inc.
XFATM8E-STACK2-4 XFMRS-XFATM8E-STACK2-4_15 Datasheet
110Kb / 2P
   STACKED COMBO
XFATM8F-STACK16-4 XFMRS-XFATM8F-STACK16-4_15 Datasheet
119Kb / 2P
   STACKED COMBO
XFATM8G-STACK12-4 XFMRS-XFATM8G-STACK12-4_15 Datasheet
116Kb / 2P
   STACKED COMBO
XFATM8-STACK2-4 XFMRS-XFATM8-STACK2-4_15 Datasheet
72Kb / 2P
   STACKED COMBO
XFATM13-STACK12-4 XFMRS-XFATM13-STACK12-4_15 Datasheet
64Kb / 2P
   STACKED COMBO
XFATM13-STACK16-4 XFMRS-XFATM13-STACK16-4_15 Datasheet
65Kb / 2P
   STACKED COMBO
XFATM8A-STACK12-4 XFMRS-XFATM8A-STACK12-4_15 Datasheet
108Kb / 2P
   STACKED COMBO
XFATM8H-STACK8-4 XFMRS-XFATM8H-STACK8-4_15 Datasheet
76Kb / 2P
   STACKED COMBO
XFATM13A-STACK16-4 XFMRS-XFATM13A-STACK16-4_15 Datasheet
63Kb / 2P
   STACKED COMBO
XFATM13B-STACK2-4 XFMRS-XFATM13B-STACK2-4_15 Datasheet
58Kb / 2P
   STACKED COMBO
XFATM13B-STACK16-4 XFMRS-XFATM13B-STACK16-4_15 Datasheet
65Kb / 2P
   STACKED COMBO
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com