データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-UE86-3G6620-X0X61 データシート(PDF) 2 Page - Amphenol Corporation

部品番号 P-UE86-3G6620-X0X61
部品情報  OPTIONS AND EMI SPRING FINGER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G6620-X0X61 データシート(HTML) 2 Page - Amphenol Corporation

  P-UE86-3G6620-X0X61 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 4Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
86.25
87.51
B
C
D
12
A
3
2
1
4
B
A
56
C
MATERIAL AND FINISH
SEE NOTES
FEB 12/14
FEB 12/14
FEB10/14
A4
1:1
SHEET 2 OF 5
C
P-UE86-3G6620-X0X61
ECN Exxxxx
J. SI
P. OU
J. SI
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
ENG. REL. NO.
UNLESS SPECIFIED OTHERWISE
THIRD
ANGLE
PROJECTION
REF.
DWG APP'D
Q.A. APP'D
M.E. APP'D
CHECKED
DRAWN
03554
DO NOT
SCALE
DRAWING
DWG SIZE:
CODE ID NO.
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
DWG. NO.
REV
SCALE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR 
USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
3
0.25
0.15
N/A
1
2X6 SFP ULTRAPORT WITH LIGHT PIPE
OPTIONS AND EMI SPRING FINGER
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
02/12/2014
J. SI
B
UPDATE PLATING OPTIONS
JUN 25/14
J.SI
C
UPDATE NOTES
AUG 19/14
J.SI
INNER LIGHT PIPE
SCALE 2 : 1
DETAIL A
T11
T10
T20
T1
B10
B11
B1
B20
OUTER LIGHT PIPE
OUTER LIGHT PIPE
INNER LIGHT PIPE
9.80(TYP.)
3.50(TYP.)
MIDDLE PIN
3.50(TYP.)
MIDDLE PIN
0.50+-
0.05
0.08 ST
(TYP.)
B
11.50
38.29
8.00(TYP.)
51.57
25.00
0.75(TYP.)
25.50
36.45
26.76
OUTER LIGHT PIPE
SCALE 2 : 1
DETAIL B
INNER LIGHT PIPE
(OR MIDDLE LIGHT PIPE)
2.01
3.00
0.70
3.50(TYP.)
10.29
2.60
A
8.95±0.15(TYP.)
14.00±0.10(TYP.)
8.95±0.15(TYP.)
85.25
3.50(TYP.)
REAR PIN
3.50(TYP.)
REAR PIN


同様の部品番号 - P-UE86-3G6620-X0X61

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-UE86-3G6420-X0X61 AMPHENOL-P-UE86-3G6420-X0X61 Datasheet
614Kb / 5P
   OPTIONS AND EMI GASKET VERSION
More results

同様の説明 - P-UE86-3G6620-X0X61

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G4620-X0X61 AMPHENOL-P-UE86-3G4620-X0X61 Datasheet
661Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TE Connectivity Ltd
2339640 TEC-2339640 Datasheet
92Kb / 2P
   6.0 HEIGHT SPRING FINGER
Rev. A
logo
Tyco Electronics
1551574-5 MACOM-1551574-5 Datasheet
144Kb / 2P
   SPRING FINGER H=2,60MM
logo
TE Connectivity Ltd
C-1551572 TEC-C-1551572 Datasheet
248Kb / 2P
   SPRING FINGER H=1,8
C-1551574 TEC-C-1551574 Datasheet
246Kb / 2P
   SPRING FINGER H=2.60mm
logo
Tyco Electronics
1551575-5 MACOM-1551575-5 Datasheet
143Kb / 2P
   SPRING FINGER H=3.0MM
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com