データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74408941022 データシート(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74408941022
部品情報  WE-SPC SMD Shielded Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74408941022 データシート(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74408941022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408941022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408941022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408941022 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408941022 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408941022 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.9
1.8
1.7
1.6
1.5
1.4
1.3
REV
2016-03-01
2015-05-19
2014-06-23
2014-03-31
2013-04-25
2013-01-02
2012-12-05
DATE
KaS
SSt
SSt
SSt
SSt
SSt
SSt
BY
ALa
ALa
SSt
SSt
SSt
COt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SPC SMD Shielded Power Inductor
Order.- No.
74408941022
SIZE
A4
Size: 4818
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-SPC
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74408941022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74408941022 WURTH-74408941022 Datasheet
965Kb / 6P
   WE-SPC SMD Shielded Power Inductor
More results

同様の説明 - 74408941022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74408943560 WURTH-74408943560 Datasheet
538Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089420022 WURTH-744089420022 Datasheet
526Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089420039 WURTH-744089420039 Datasheet
552Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942330 WURTH-74408942330 Datasheet
547Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942470 WURTH-74408942470 Datasheet
551Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943150 WURTH-74408943150 Datasheet
539Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942012 WURTH-74408942012 Datasheet
540Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942022 WURTH-74408942022 Datasheet
530Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943022 WURTH-74408943022 Datasheet
532Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943101 WURTH-74408943101 Datasheet
544Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089430056 WURTH-744089430056 Datasheet
531Kb / 5P
   WE-SPC SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com