データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMR633NGULCLFG データシート(PDF) 1 Page - C&K Components

部品番号 KMR633NGULCLFG
部品情報  Standard and long life versions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR633NGULCLFG データシート(HTML) 1 Page - C&K Components

  KMR633NGULCLFG Datasheet HTML 1Page - C&K Components KMR633NGULCLFG Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contact Material
1 Silver
2 Silver long life*
3 Gold
* Silver long life is available in 3N and 4N actuation force. For other versions, please contact Customer Service.
B–114
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
26 may 16
Features/Benefits
Watertight IP67
Standard and long life versions
No ground pin
Ultra low current capabilities
Excellent tactile feel
KMR 6 Series
Microminiature SMT Top Actuated IP67
Typical Applications
Automotive
Medical
Consumer
Industrial
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA*
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME:
≤ 3 ms
*For ULC version minimum current is 1µA at 1.8 VDC
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 7,000 pieces
External diameter 330 mm ± 2 mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
Total height
6 1,9 mm
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Actuation Force
1 1.2 N (120 grams)
2 2 N (200 grams)
3 3 N (300 grams)
4 4 N (400 grams)
K
M
R
N
G
6
Grounding option
NG No Ground pin
Low Current capability
Void Under standard specification
ULC Low current
Part Number Description
For any part number different from those listed above, please consult your local representative.
Type NG
See description
below
Operating
force
N (grs)
Operating
life
(cycles)
Travel (mm)
TACTILE FEELING:
KMR 6 series with actuation force in 2N - 3N - 4N:
≥ 30%
KMR 6 series with actuation force in 1.2N:
≥ 20%
KMR611NG LFS
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR611NG ULC LFS
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR613NG LFG
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR613NG ULC LFG
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR621NG LFS
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR621NG ULC LFS
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR623NG LFG
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR623NG ULC LFG
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR631NG LFS
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR631NG ULC LFS
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR632NG LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR632NG ULC LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR633NG LFG
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR633NG ULC LFG
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR641NG LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR641NG ULC LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR642NG LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR642NG ULC LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR643NG LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR643NG ULC LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1


同様の部品番号 - KMR633NGULCLFG

メーカー部品番号データシート部品情報
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
173Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR6 CK-COMPONENTS-KMR6_V01 Datasheet
173Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
More results

同様の説明 - KMR633NGULCLFG

メーカー部品番号データシート部品情報
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
   Standard, Long life down size and high ripple current
logo
Vishay Siliconix
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com