データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB1620CT_T0_00001 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SB1620CT_T0_00001
部品情報  ISOLATION SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1620CT_T0_00001 データシート(HTML) 1 Page - Pan Jit International Inc.

  SB1620CT_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB1620CT_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB1620CT_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB1620CT_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
October 24,2012-REV.06
SB1620CT~SB1660CT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
ISOLATION SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
16 Ampere
CURRENT
MECHANICAL DATA
• Case: TO-220AB molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.067 ounces, 1.89 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
Both Bonding and Chip structure are available.
PA RA ME TE R
S YM B OL S B1620CT S B1630CT SB 1640CT S B1645CT SB 1650CT SB 1660CT UNITS
Ma xi mum Re c urre nt P e a k Re ve rse Vo lta g e
V
RRM
20
30
40
4 5
50
60
V
Ma xi mum RMS Vo lta g e
V
RMS
14
21
28
31.5
3 5
4 2
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
20
30
40
4 5
50
60
V
Ma xi mum A verag e Fo rward Curre nt lead le ng th at T
C =7 5
OCI
F( AV )
16
A
Peak F o rwa rd Surge C urre nt : 8.3ms si ng le ha lf si ne -wave
superi m posed on ra ted load
I
FSM
150
A
Ma xi mum F o rward Vo ltage a t 8A per le g
V
F
0.55
0 .75
V
Ma xi mum D C Re ve rs e Curre nt at Ra ted D C B locki ng
Vo ltage
T
J=2 5
OC
T
J= 100
OC
I
R
0.2
10 0
0.1
100
mA
Typi cal Therma l Re si stance
R
θJC
2
OC / W
Operati ng Junc ti on Te mperature Ra ng e
TJ
-55 to +125
-55 to +150
OC
S torage Te m perature Ra ng e
TSTG
-55 to + 150
OC


同様の部品番号 - SB1620CT_T0_00001

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT_06 Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1620CT PANJIT-SB1620CT_09 Datasheet
85Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB1620CT_T0_00001

メーカー部品番号データシート部品情報
logo
Transys Electronics
SB1620F TRSYS-SB1620F Datasheet
148Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB620FCT PANJIT-SB620FCT_04 Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB2520FCT PANJIT-SB2520FCT_04 Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_09 Datasheet
96Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_16 Datasheet
288Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_04 Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB820FCT PANJIT-SB820FCT_05 Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
MBR1640FCT PANJIT-MBR1640FCT Datasheet
93Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_09 Datasheet
91Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_09 Datasheet
85Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com