データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA23-12 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SA23-12
部品情報  57 MM SINGLE DIGIT NUMERIC DISPLA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SA23-12 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SA23-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA23-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA23-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA23-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA23-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA23-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7-S23-1
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide R ed Light Emitting Diode.
Features
l
LARGE SIZE.
l
2.3 INCH DIGIT HEIGHT.
l
LOW CURRENT OPERATION.
l
EXCELLENT CHARACTER APPEARANCE.
l
HIGH LIGHT OUTPUT.
l
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
l
I.C. COMPATIBLE.
l
MULTICOLOR AVAILABLE.
l
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR
.
l
MECHANICALLY RUGGED.
l
STANDARD : GRAY FACE, WHITE SEGMENT.
Kingbright
®
Notes:
1. All dimensions are in millimeters (inches),
Tolerance is
o0.25(0.01")unlessotherwise noted.
2. Specifications are subjected to change whitout notice.
Package Dimensions & Internal Circuit Diagram
57mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA23-11
SC23-11
SA23-12
SC23-12
SBA23-11
SBC23-11


同様の部品番号 - SA23-12

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
162Kb / 3P
   Standard-Displays
SA23-12EWA KINGBRIGHT-SA23-12EWA Datasheet
124Kb / 4P
   56.9mm (2.3 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12GWA KINGBRIGHT-SA23-12GWA Datasheet
162Kb / 3P
   Standard-Displays
SA23-12GWA KINGBRIGHT-SA23-12GWA Datasheet
235Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12HWA KINGBRIGHT-SA23-12HWA Datasheet
162Kb / 3P
   Standard-Displays
More results

同様の説明 - SA23-12

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
SA05-11 KINGBRIGHT-SA05-11 Datasheet
481Kb / 5P
   12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
SA39-11 KINGBRIGHT-SA39-11 Datasheet
152Kb / 5P
   9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
logo
BetLux Electronics
BL-S50A-18 BETLUX-BL-S50A-18 Datasheet
332Kb / 5P
   12.70 mm (0.5) Single digit numeric display series
logo
Kingbright Corporation
SA10-21CGKWA KINGBRIGHT-SA10-21CGKWA Datasheet
225Kb / 5P
   25.4 mm (1.0 inch) Single Digit Numeric Display
logo
BetLux Electronics
BL-S50C-11 BETLUX-BL-S50C-11 Datasheet
327Kb / 5P
   12.70 mm (0.5) Single digit numeric display series
BL-S50E-11 BETLUX-BL-S50E-11 Datasheet
331Kb / 5P
   12.70 mm (0.5) Single digit numeric display series
logo
Kingbright Corporation
SA10-21SYKWA KINGBRIGHT-SA10-21SYKWA Datasheet
227Kb / 5P
   25.4 mm (1.0 inch) Single Digit Numeric Display
logo
Marktech Corporate
MTN6118-ARG MARKTECH-MTN6118-ARG Datasheet
74Kb / 1P
   1.8 Bi-Color Sing Single le Digit Displa Display
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com