データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744373965120 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744373965120
部品情報  WE-LHMI SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744373965120 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744373965120 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744373965120 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744373965120 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744373965120 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744373965120 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
2,3
u0,3
13,5
u0,5
12,5
u0,3
Scale - 2:1
Recommended Land Pattern: [mm]
8,0
3,1
14,2
Scale - 2:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10 mA
L
12
µH
±20%
Rated Current
ΔT = 40 K
IR
8.2
A
max.
Saturation Current
|ΔL/L| < 20 %
ISAT
19.2
A
typ.
DC Resistance
@ 20 °C
RDC
17.8
mΩ
typ.
DC Resistance
@ 20 °C
RDC
20
mΩ
max.
Self Resonant
Frequency
fres
7.6
MHz
typ.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature
(refering to IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in
original packaging)
-20°C up to +40°C, 75% RH max.
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
MoU
DIN ISO 2768-1m
DESCRIPTION
WE-LHMI SMD Power Inductor
ORDER CODE
744373965120
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1365
001.000
Valid
2016-08-30
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744373965120

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744373965100 WURTH-744373965100 Datasheet
515Kb / 5P
   WE-LHMI SMD Power Inductor
744373965101 WURTH-744373965101 Datasheet
516Kb / 5P
   WE-LHMI SMD Power Inductor
744373965150 WURTH-744373965150 Datasheet
516Kb / 5P
   WE-LHMI SMD Power Inductor
More results

同様の説明 - 744373965120

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744373680036 WURTH-744373680036 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
744373680056 WURTH-744373680056 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437346018 WURTH-74437346018 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
744373770068 WURTH-744373770068 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437349056 WURTH-74437349056 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437349082 WURTH-74437349082 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437368022 WURTH-74437368022 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437368100 WURTH-74437368100 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437324015 WURTH-74437324015 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437324220 WURTH-74437324220_15 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437356047 WURTH-74437356047 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com