データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD22205LT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD22205LT
部品情報  8-V P-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD22205LT データシート(HTML) 4 Page - Texas Instruments

  CSD22205LT Datasheet HTML 1Page - Texas Instruments CSD22205LT Datasheet HTML 2Page - Texas Instruments CSD22205LT Datasheet HTML 3Page - Texas Instruments CSD22205LT Datasheet HTML 4Page - Texas Instruments CSD22205LT Datasheet HTML 5Page - Texas Instruments CSD22205LT Datasheet HTML 6Page - Texas Instruments CSD22205LT Datasheet HTML 7Page - Texas Instruments CSD22205LT Datasheet HTML 8Page - Texas Instruments CSD22205LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CSD22205L
SLPS690 – MAY 2017
www.ti.com
Product Folder Links: CSD22205L
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typ RθJA =75°C/W
when mounted on 1 in2
of 2-oz Cu.
Typ RθJA =
225°C/W when
mounted on
minimum pad area
of 2-oz Cu.
5.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Figure 1. Transient Thermal Impedance


同様の部品番号 - CSD22205LT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22204WT TI1-CSD22204WT Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results

同様の説明 - CSD22205LT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
[Old version datasheet]   CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com