データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP116NAIDRVR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP116NAIDRVR
部品情報  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116NAIDRVR データシート(HTML) 3 Page - Texas Instruments

  TMP116NAIDRVR Datasheet HTML 1Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 2Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 3Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 4Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 5Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 6Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 7Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 8Page - Texas Instruments TMP116NAIDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
SDA
V+
ADD0
6
5
4
SCL
GND
ALERT
1
2
3
Thermal
Pad
3
TMP116, TMP116N
www.ti.com
SBOS740 – MAY 2017
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SCL
I
Serial clock
2
GND
Ground
3
ALERT
O
Overtemperature alert or data-ready signal. Open-drain output; requires a pullup resistor.
4
ADD0
I
Address select. Connect to GND, V+, SDA, or SCL.
5
V+
I
Supply voltage, 1.9 V to 5.5 V
6
SDA
I/O
Serial data. Open-drain output; requires a pullup resistor.


同様の部品番号 - TMP116NAIDRVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP116N TI1-TMP116N Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results

同様の説明 - TMP116NAIDRVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com