データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SMBJ10C_17 データシート(Datasheet) 1 Page - HY ELECTRONIC CORP.

部品番号. SMBJ10C_17
部品情報  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo 

   
 1 page
background image
FEATURES
Rating to 440V VBR
For surface mounted applications
Reliable low cost construction utilizing molded plastic
technique
Plastic material has UL recognition 94V-0
Typical IR less than 1µA above 10V
Fast response time:typically less than 1.0ns for
Uni-direction,less than 5.0ns fo Bi-direction,from 0 Volts
to BV min
MECHANICAL DATA
Case : Molded Plastic
Polarity:by cathode band denotes uni-directional device
none cathode band denotes bi-directional device
Weight : 0.003 ounces, 0.093 grams
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Peak Power Dissipation at TA=25℃ by 10×1000μs
waveform (Note1,2)
PPPM
W
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Steady State Power Dissipation at TL=75℃
PM(AV)
W
Maximum Instantaneous Forward Voltage
at 50A for Unidirectional Devices Only (Note3)
Typical Thermal Resistence Junction to Lead
RθJL
℃/W
Typical Thermal Resistence Junction to Ambient
RθJA
℃/W
Typical Junction Capacitance (Note4)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
2. Thermal Resistance junction to Lead.
4.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
Rev. 8, 16-Mar-2017
SURFACE MOUNT UNIDIRECTIONAL AND
BIDIRECTIONAL TRANSIENT VOLTAGE
SUPPRESSORS
REVERSE VOLTAGE
- 5.0
to 440 Volts
POWER DISSIPATION - 600 Watts
VALUE
5.The typical data above is for reference only(典型值仅供参考).
NOTES:1. Non-repetitive current pulse ,per Fig. 3 and derated above TA=25℃ per Fig. 1.
3.VF<3.5V for VBR≤200V and VF<6.5V for VBR≥201V
VF
-55 to + 150
-55 to + 150
3.5/5
V
A
IFSM
100
20
100
5.0
2000
SMBJ SERIES
600
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.195(4.95)
.220(5.59)
.008(.203)
.002(.051)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)




Html ページ

1  2  3  4 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl