データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7985BCPZ-RL7 データシート(PDF) 6 Page - Analog Devices

部品番号 AD7985BCPZ-RL7
部品情報  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ-RL7 データシート(HTML) 6 Page - Analog Devices

Back Button AD7985BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
AD7985
Rev. C | Page 5 of 28
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.1
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge
to Data Available
tCONV
Turbo mode/normal mode
320/420
ns
Acquisition Time
tACQ
80
ns
Time Between Conversions
tCYC
Turbo mode/normal mode
400/500
ns
CNV Pulse Width
tCNVH
CS mode
10
ns
Data Read During Conversion
tDATA
Turbo mode/normal mode
190/290
ns
Quiet Time During Acquisition from Last SCK
Falling Edge to CNV Rising Edge
tQUIET
20
ns
SCK Period
tSCK
CS mode
9
ns
tSCK
Chain mode
11
ns
SCK Low Time
tSCKL
3.5
ns
SCK High Time
tSCKH
3.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
2
ns
SCK Falling Edge to Data Valid Delay
tDSDO
4
ns
CNV or SDI Low to SDO D15 MSB Valid
tEN
5
ns
CNV or SDI High or Last SCK Falling Edge
to SDO High Impedance
tDIS
CS mode
8
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
4
ns
SDI Valid Hold Time from CNV Rising Edge
tHSDICNV
CS mode
0
ns
tHSDICNV
Chain mode
0
ns
SCK Valid Setup Time from CNV Rising Edge
tSSCKCNV
Chain mode
5
ns
SCK Valid Hold Time from CNV Rising Edge
tHSCKCNV
Chain mode
5
ns
SDI Valid Setup Time from SCK Falling Edge
tSSDISCK
Chain mode
2
ns
SDI Valid Hold Time from SCK Falling Edge
tHSDISCK
Chain mode
3
ns
SDI High to SDO High
tDSDOSDI
Chain mode with busy indicator
15
ns
1
See Figure 2 and Figure 3 for load conditions.
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
Figure 2. Load Circuit for Digital Interface Timing
90% VIO
10% VIO
VIH1
VIL1
VIL1
VIH1
tDELAY
tDELAY
1MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 3. Voltage Levels for Timing


同様の部品番号 - AD7985BCPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7985BCPZ-RL7 AD-AD7985BCPZ-RL7 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

同様の説明 - AD7985BCPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com