データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA13724 データシート(PDF) 1 Page - Cree, Inc

部品番号 CA13724
部品情報  Veronica series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CA13724 データシート(HTML) 1 Page - Cree, Inc

  CA13724 Datasheet HTML 1Page - Cree, Inc CA13724 Datasheet HTML 2Page - Cree, Inc CA13724 Datasheet HTML 3Page - Cree, Inc CA13724 Datasheet HTML 4Page - Cree, Inc CA13724 Datasheet HTML 5Page - Cree, Inc CA13724 Datasheet HTML 6Page - Cree, Inc CA13724 Datasheet HTML 7Page - Cree, Inc CA13724 Datasheet HTML 8Page - Cree, Inc CA13724 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT DATASHEET
Veronica series
last update 18/11/2013
DETAILS
Product Number
CA13724_VERONICA-SQ-RS
Family
Veronica
Type
Assembly
Color
clear
Diameter
22,5 + 22,5 mm
Height
12,2 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
18/11/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
sim: 15
Real spot
sim: 91 % -
-
XP-E
sim: 8
Real spot
sim: 92 % -
-
XP-G
sim: 10
Real spot
sim: 92 % -
-
XP-G2
11 deg
Real spot
90 %
18.800
-
XT-E
sim: 10
Real spot
sim: 90 % -
-
XM-L2
sim: 15
Real spot
sim: 92 % -
-
XP-E2
sim: 8
Real spot
sim: 92 % -
-
XB-H
12 deg
Real spot
87 %
16.000
-
LUXEON Rebel ES
sim: 11
Real spot
sim: 90 % -
-
LUXEON R
sim: 11
Real spot
sim: 90 % -
-
LUXEON A
sim: 11
Real spot
sim: 90 % -
-
LUXEON Rebel
sim: 9
Real spot
sim: 90 % -
-
NCSxx19A
sim: 8
Real spot
sim: 88 % -
-
NVSxx19B/NVSxx19C
sim: 11
Real spot
sim: 89 % -
-
NWSx229A
18 deg
Real spot
88 %
6.900
-
Oslon Square PC
sim: 10
Real spot
sim: 90 % -
-
Oslon SSL 80
sim: 7
Real spot
sim: 90 % -
-
Oslon Square EC
sim: 10
Real spot
sim: 94 % sim: 20.200 -
Oslon SSL 150
sim: 8
Real spot
sim: 91 % -
-
Oslon Square Gen3
sim: 10
Real spot
sim: 94 % sim: 20.800 -
LH351Z
12 deg
Real spot
89 %
18.900
-
LH351B
sim: 12
Real spot
sim: 93 % -
-
Z8Y22P
12 deg
Real spot
86 %
1.100
-
June 9th 2017 5:05 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


同様の部品番号 - CA13724

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA13724 LEDIL-CA13724 Datasheet
5Mb / 15P
   ~13째 spot beam
More results

同様の説明 - CA13724

メーカー部品番号データシート部品情報
logo
Cree, Inc
CA14442 CREE-CA14442 Datasheet
3Mb / 51P
   Veronica series
CA14461 CREE-CA14461 Datasheet
2Mb / 50P
   Veronica series
C13529 CREE-C13529 Datasheet
3Mb / 57P
   Veronica series
CA14601 CREE-CA14601 Datasheet
1,023Kb / 18P
   Veronica series
C13528 CREE-C13528 Datasheet
1Mb / 27P
   Veronica series
CA13726 CREE-CA13726 Datasheet
2Mb / 45P
   Veronica series
logo
Ledil, Inc.
C13528 LEDIL-C13528 Datasheet
1Mb / 31P
   Veronica Lens
CA14602 LEDIL-CA14602 Datasheet
1Mb / 21P
   Veronica Assembly
CA15519 LEDIL-CA15519 Datasheet
736Kb / 11P
   Veronica Assembly
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com