データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVC2T45DCTT データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AVC2T45DCTT
部品情報  DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T45DCTT データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AVC2T45DCTT Datasheet HTML 2Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 3Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 4Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 5Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 6Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 7Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 8Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 9Page - Texas Instruments SN74AVC2T45DCTT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES531F – DECEMBER 2003 – REVISED MAY 2005
over recommended operating free-air temperature range, V
CCA = 1.2 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
3.1
2.6
2.4
2.2
2.2
A
B
ns
tPHL
3.1
2.6
2.4
2.2
2.2
tPLH
3.4
3.1
3
2.9
2.9
B
A
ns
tPHL
3.4
3.1
3
2.9
2.9
tPHZ
5.2
5.2
5.1
5
4.8
DIR
A
ns
tPLZ
5.2
5.2
5.1
5
4.8
tPHZ
5
4
3.8
2.8
3.2
DIR
B
ns
tPLZ
5
4
3.8
2.8
3.2
tPZH(1)
8.4
7.1
6.8
5.7
6.1
DIR
A
ns
tPZL(1)
8.4
7.1
6.8
5.7
6.1
tPZH(1)
8.3
7.8
7.5
7.2
7
DIR
B
ns
tPZL(1)
8.3
7.8
7.5
7.2
7
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.8
0.7
5.4
0.5
4.6
0.4
3.7
0.3
3.5
A
B
ns
tPHL
2.8
0.7
5.4
0.5
4.6
0.4
3.7
0.3
3.5
tPLH
2.7
0.8
5.4
0.7
5.2
0.6
4.9
0.5
4.7
B
A
ns
tPHL
2.7
0.8
5.4
0.7
5.2
0.6
4.9
0.5
4.7
tPHZ
3.9
1.3
8.5
1.3
7.8
1.1
7.7
1.4
7.6
DIR
A
ns
tPLZ
3.9
1.3
8.5
1.3
7.8
1.1
7.7
1.4
7.6
tPHZ
4.7
1.1
7
1.4
6.9
1.2
6.9
1.7
7.1
DIR
B
ns
tPLZ
4.7
1.1
7
1.4
6.9
1.2
6.9
1.7
7.1
tPZH(1)
7.4
12.4
12.1
11.8
11.8
DIR
A
ns
tPZL(1)
7.4
12.4
12.1
11.8
11.8
tPZH(1)
6.7
13.9
11.6
9.1
7.8
DIR
B
ns
tPZL(1)
6.7
13.9
11.6
9.1
7.8
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
6


同様の部品番号 - SN74AVC2T45DCTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T45DCTT TI-SN74AVC2T45DCTT Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCTT TI-SN74AVC2T45DCTT Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCTT TI1-SN74AVC2T45DCTT Datasheet
981Kb / 29P
[Old version datasheet]   2-Supply, Bus Transceiver
SN74AVC2T45DCTTE4 TI-SN74AVC2T45DCTTE4 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45DCTTE4 TI-SN74AVC2T45DCTTE4 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

同様の説明 - SN74AVC2T45DCTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com