データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-DWR-T010P-V233-01 データシート(PDF) 1 Page - Amphenol Corporation

部品番号 P-DWR-T010P-V233-01
部品情報  DIELECTRIC WITHSTANDING VOLTAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-T010P-V233-01 データシート(HTML) 1 Page - Amphenol Corporation

  P-DWR-T010P-V233-01 Datasheet HTML 1Page - Amphenol Corporation P-DWR-T010P-V233-01 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES:
MATERIALS: ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS.
1.
HOUSING: HIGH TEMPERATURE RESISTANT NYLON, UL FLAMMABILITY RATING 94V-0, COLOUR BLACK
SIGNAL CONTACTS: PHOSPHOR BRONZE PLATED WITH 0.38µm (15µ”) GOLD OVER 1.27µm (50µ”) NICKEL ON
THE MATING AREA AND 2.54µm (100µ”) MATTE TIN OVER NICKEL ON THE TAILS.
WHEN MATED WITH RECEPTACLE P/N DWR-T010S-V2X3-01, THE ORDER OF MECHANICAL AND ELECTRICAL
2.
ENGAGEMENT IS A) HOUSING BLADES, B) HOUSING SHROUD, C) SIGNAL CONTACTS.
RATINGS SUBJECT TO DESIGN QUALIFICATION TESTING
3.
CURRENT RATING: 5A SIGNAL
DIELECTRIC WITHSTANDING VOLTAGE: 1500VDC
INSULATION RESISTANCE: 5000 MEGAOHMS
OPERATING TEMPERATURE: -55C TO +105C
REFERENCE IN PARENTHESES
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
SECONDARY
PRIMARY UNITS
INCHES
2
A
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
OF
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DWR-T010P-V233-01
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
CONNECTOR, RoHS COMPLIANT
S.CAELERS
A
NEW PROPOSAL DWG (EAR 13783)
OCT25/10
K.L.
DWG SIZE:
DWR SERIES SLIM DRAWER, 10 SIGNAL PIN
1
DRAWING
OCT25/10
K.LAMBIE
OCT25/10
03554
2:1
X
EAR 13783
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
ANGLE
THIRD
SHEET
MILLIMETERS
ANGULAR DEGREES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
UNLESS SPECIFIED OTHERWISE
ORIENTATION PEG
PREVENTS ASSEMBLY
ERRORS
0.46 [.018] x 0.76 [.030]
SIGNAL CONTACT
TAILS (10 PLACES)
.150
.630
15.99
.902
22.91
6.35
.250
3.81
15.65
.616
HOUSING BLADE IS
OFF CENTER TO
PREVENT IMPROPER
MATING
22.00
.866
1.50
HOUSING BLADE
ALIGNMENT
CORRECTION
.059
2.74
.108
1.027
26.09
.432
10.97
TYP.
3.30
.130
14.63
.576
CONTACTS
SIGNAL
PIN HOUSING
P/N DWR-T010P-V233-01


同様の部品番号 - P-DWR-T010P-V233-01

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-DWR-T010S-V233-01 AMPHENOL-P-DWR-T010S-V233-01 Datasheet
76Kb / 2P
   d-sub technical data
More results

同様の説明 - P-DWR-T010P-V233-01

メーカー部品番号データシート部品情報
logo
AVX Corporation
HL02150GTTR AVX-HL02150GTTR Datasheet
303Kb / 4P
   High Withstanding Voltage
logo
NEC
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
   300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
logo
ASM GmbH
3159 ASM-SENSOR-3159 Datasheet
233Kb / 4P
   INSULATION / WITHSTANDING HiTESTER
logo
Surge Components
C43 SURGE-C43 Datasheet
3Mb / 9P
   Withstanding overvoltage stressing
C47 SURGE-C47 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
C44 SURGE-C44 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
logo
AVX Corporation
ESD35C103K4T2A-18 AVX-ESD35C103K4T2A-18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com