データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-DWR-T200P-V23X-93 データシート(PDF) 2 Page - Amphenol Corporation

部品番号 P-DWR-T200P-V23X-93
部品情報  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-T200P-V23X-93 データシート(HTML) 2 Page - Amphenol Corporation

  P-DWR-T200P-V23X-93 Datasheet HTML 1Page - Amphenol Corporation P-DWR-T200P-V23X-93 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.079
.217
5.50
2.00
10.00
.394
M3 CONTACT SCREW
(6mm)
THREAD
FORMING
SCREW
PCB
PCB LAYOUT REQUIREMENT
SCALE 4:1
(COMPONENT SIDE OF THE BOARD)
LOCATE HOLES
0.13 [.005] DIA
POSITION DIMENSIONS
ARE BASIC
RECOMMENDED
FOR THREAD FORMING
2 PLCS
3.25±0.08
REQUIRED
SCREWS. NO PLATING
ON TOP & BOTTOM
SEATING AREA
.128±.003
6.60
7.32
.288
.299
7.59
.260
6.60
2 PLCS
.212
5.39
4.73±0.1
.260
.186±.004
6.50±0.20
.256±.008
KEEP OUT ZONE FOR
INTERNAL PCB LAYERS WITHIN
0.3mm OF EXTERNAL FACE
6.00
.248
6.30
.236
2.20
.087
M3 CONTACT SCREW 6mm,
#4 TORX DRIVE W/ LOCK &
FLAT WASHER
OR P/N DWR-T200S-V23X-92
MOUNTED ON .060" PCB
P/N DWR-T200S-V23X-91 (SHOWN)
SIDE VIEW
MATED ASSEMBLY
SCALE 4:1
MATING SOCKET
EXTENDED PIN CONNECTOR
P/N DWR-T200P-V23X-93
REF
PCB THICKNESS
1.57
39.8
.062
1.57
3.36
.132
REF
1
DEC18/14
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
DRAWING
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
P-DWR-T200P-V23X-93
DWR SERIES SLIM DRAWER, 2 POWER
2
R
SCALE:
REV
REF.
THIRD
OF
DWG.
NO.
6
Amphenol Canada Corp.
www.amphenolcanada.com
CHANGED PCB LAYOUT TITLE
2
03554
SHEET
THREADED TERMINATION, RoHS COMPLIANT
N
CODE ID NO.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
EXTENDED PIN CONNECTOR, SIZE 10
R
NOV17/10
ADDED NEW TORX SCREW
2:1
X
EAR 13802
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
2
S.CAELERS
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
CONTACTS, SPECIAL .288" PITCH,
SECONDARY
REFERENCE IN PARENTHESES
SCALE
ENG. REL. NO.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
REV
REVISIONS
NOV28/14
S.M.
UNLESS SPECIFIED OTHERWISE
0.10
ANGULAR DEGREES
DEC04/14
S.M.
P
ANGLE
NOTE 1, UPDATED SEATING AREA ON PCB
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ADDED CONTACT & FORMING SCREWS TO
S.M.
(REF)
MOUNTING HARDWARE
THREAD
SCALE 6:1
NO THERMAL RELIEF
FORMING SCREW
AROUND VIAS


同様の部品番号 - P-DWR-T200P-V23X-93

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results

同様の説明 - P-DWR-T200P-V23X-93

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com