データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-DWR-TXXXS-VX3X-0X データシート(PDF) 2 Page - Amphenol Corporation

部品番号 P-DWR-TXXXS-VX3X-0X
部品情報  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-TXXXS-VX3X-0X データシート(HTML) 2 Page - Amphenol Corporation

  P-DWR-TXXXS-VX3X-0X Datasheet HTML 1Page - Amphenol Corporation P-DWR-TXXXS-VX3X-0X Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOUNTING CODE:
02
MOUNTING CODE:
CORRESPONDING TO DWR-T204S-VXXX-XX AND DWR-T208S-VXXX-XX.
IMMEDIATELY BEFORE AND AFTER. FOR EXAMPLE, DIMENSIONS OF DWR-T206S-VXXX-XX CAN BE OBTAINED BY AVERAGING VALUES
MOUNTING OPTIONS
00
MOUNTING CODE:
01
FOR INTERMEDIATE CONFIGURATIONS (NUMBER OF SIGNAL CONTACTS = 06, 10, 14 ...) DIMENSIONS CAN BE CALCULATED BY AVERAGING VALUES
MOUNTING CODE:
04, 06
C
A
B
2 X
3.25
.128
A
A
TAPPED THROUGH
THREADED HOLE
THREADED
INSERT
B
PIN AND SOCKET MATED ASSEMBLY
28.33
1.115
REF
20.71
.815
REF
03554
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
ADD UL FILE NO.
JUN14/13
D
UPDATE MOUNTING OPTIONS
2
D
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
OF
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
S.CAELERS
DWG SIZE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
2
DRAWING
MAR17/11
S.MUGAN
JUN17/11
1
2:1
C
SCALE
DO NOT
SHEET
S.M
JUL10/12
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
B
SOCKET UPDATE
PROJECTION
ANGLE
THIRD
JAN23/12
S.M
ANGULAR DEGREES
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
P-DWR-TXXXS-VX3X-0X
3 DECIMAL PLACES
2 DECIMAL PLACES
3.81mm [.150"] LONG), RoHS COMPLIANT
1 DECIMAL PLACE
GENERAL TOLERANCES
DWR SERIES SLIM DRAWER SOCKET
CONNECTOR, POWER & SIGNAL CONTACTS,
VERTICAL PCB TAILS (
3.75mm [.148"] x
S.M
Socket Connector
Number
Number
Part Number
of Power of Signal
Contacts Contacts
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
DWR-T200S-VXXX-XX
2
0
47.70
1.878
36.53
1.438
29.75
1.171
23.98
0.944
9.14
0.360
9.14
0.360
---
--
DWR-T204S-VXXX-XX
2
4
54.10
2.130
42.93
1.690
36.15
1.423
30.38
1.196
15.54
0.612
15.54
0.612
2.74
0.108
DWR-T208S-VXXX-XX
2
8
59.59
2.346
48.41
1.906
41.63
1.639
35.86
1.412
21.03
0.828
21.03
0.828
8.23
0.324
DWR-T212S-VXXX-XX
2
12
65.07
2.562
53.90
2.122
47.12
1.855
41.35
1.628
26.52
1.044
26.52
1.044
13.72
0.540
DWR-T216S-VXXX-XX
2
16
70.56
2.778
59.39
2.338
52.61
2.071
46.84
1.844
32.00
1.260
32.00
1.260
19.20
0.756
DWR-T220S-VXXX-XX
2
20
76.05
2.994
64.87
2.554
58.09
2.287
52.32
2.060
37.49
1.476
37.49
1.476
24.69
0.972
DWR-T224S-VXXX-XX
2
24
81.53
3.210
70.36
2.770
63.58
2.503
57.81
2.276
42.98
1.692
42.98
1.692
30.18
1.188
DWR-T228S-VXXX-XX
2
28
87.02
3.426
75.84
2.986
69.06
2.719
63.30
2.492
48.46
1.908
48.46
1.908
35.66
1.404
DWR-T232S-VXXX-XX
2
32
92.51
3.642
81.33
3.202
74.55
2.935
68.78
2.708
53.95
2.124
53.95
2.124
41.15
1.620
DWR-T236S-VXXX-XX
2
36
97.99
3.858
86.82
3.418
80.04
3.151
74.27
2.924
59.44
2.340
59.44
2.340
46.63
1.836
DWR-T240S-VXXX-XX
2
40
103.48
4.074
92.30
3.634
85.52
3.367
79.76
3.140
64.92
2.556
64.92
2.556
52.12
2.052
DWR-T400S-VXXX-XX
4
0
65.99
2.598
54.81
2.158
48.03
1.891
42.27
1.664
27.43
1.080
9.14
0.360
---
---
DWR-T404S-VXXX-XX
4
4
72.39
2.850
61.21
2.410
54.43
2.143
48.67
1.916
33.83
1.332
15.54
0.612
2.74
0.108
DWR-T408S-VXXX-XX
4
8
77.88
3.066
66.70
2.626
59.92
2.359
54.15
2.132
39.32
1.548
21.03
0.828
8.23
0.324
DWR-T412S-VXXX-XX
4
12
83.36
3.282
72.19
2.842
65.41
2.575
59.64
2.348
44.81
1.764
26.52
1.044
13.72
0.540
DWR-T416S-VXXX-XX
4
16
88.85
3.498
77.67
3.058
70.89
2.791
65.13
2.564
50.29
1.980
32.00
1.260
19.20
0.756
DWR-T420S-VXXX-XX
4
20
94.34
3.714
83.16
3.274
76.38
3.007
70.61
2.780
55.78
2.196
37.49
1.476
24.69
0.972
DWR-T424S-VXXX-XX
4
24
99.82
3.930
88.65
3.490
81.87
3.223
76.10
2.996
61.26
2.412
42.98
1.692
30.18
1.188
DWR-T428S-VXXX-XX
4
28
105.31
4.146
94.13
3.706
87.35
3.439
81.58
3.212
66.75
2.628
48.46
1.908
35.66
1.404
DWR-T432S-VXXX-XX
4
32
110.79
4.362
99.62
3.922
92.84
3.655
87.07
3.428
72.24
2.844
53.95
2.124
41.15
1.620
DWR-T436S-VXXX-XX
4
36
116.28
4.578
105.11
4.138
98.33
3.871
92.56
3.644
77.72
3.060
59.44
2.340
46.63
1.836
DWR-T440S-VXXX-XX
4
40
121.77
4.794
110.59
4.354
103.81
4.087
98.04
3.860
83.21
3.276
64.92
2.556
52.12
2.052
DWR-T600S-VXXX-XX
6
0
84.28
3.318
73.10
2.878
66.32
2.611
60.55
2.384
45.72
1.800
9.14
0.360
---
---
DWR-T604S-VXXX-XX
6
4
90.68
3.570
79.50
3.130
72.72
2.863
66.95
2.636
52.12
2.052
15.54
0.612
2.74
0.108
DWR-T608S-VXXX-XX
6
8
96.16
3.786
84.99
3.346
78.21
3.079
72.44
2.852
57.61
2.268
21.03
0.828
8.23
0.324
DWR-T612S-VXXX-XX
6
12
101.65
4.002
90.47
3.562
83.69
3.295
77.93
3.068
63.09
2.484
26.52
1.044
13.72
0.540
DWR-T616S-VXXX-XX
6
16
107.14
4.218
95.96
3.778
89.18
3.511
83.41
3.284
68.58
2.700
32.00
1.260
19.20
0.756
DWR-T620S-VXXX-XX
6
20
112.62
4.434
101.45
3.994
94.67
3.727
88.90
3.500
74.07
2.916
37.49
1.476
24.69
0.972
DWR-T624S-VXXX-XX
6
24
118.11
4.650
106.93
4.210
100.15
3.943
94.39
3.716
79.55
3.132
42.98
1.692
30.18
1.188
DWR-T628S-VXXX-XX
6
28
123.60
4.866
112.42
4.426
105.64
4.159
99.87
3.932
85.04
3.348
48.46
1.908
35.66
1.404
DWR-T632S-VXXX-XX
6
32
129.08
5.082
117.91
4.642
111.13
4.375
105.36
4.148
90.53
3.564
53.95
2.124
41.15
1.620
DWR-T636S-VXXX-XX
6
36
134.57
5.298
123.39
4.858
116.61
4.591
110.85
4.364
96.01
3.780
59.44
2.340
46.63
1.836
DWR-T640S-VXXX-XX
6
40
140.06
5.514
128.88
5.074
122.10
4.807
116.33
4.580
101.50
3.996
64.92
2.556
52.12
2.052
DWR-T800S-VXXX-XX
8
0
102.57
4.038
91.39
3.598
84.61
3.331
78.84
3.104
64.01
2.520
9.14
0.360
---
---
DWR-T804S-VXXX-XX
8
4
108.97
4.290
97.79
3.850
91.01
3.583
85.24
3.356
70.41
2.772
15.54
0.612
2.74
0.108
DWR-T808S-VXXX-XX
8
8
114.45
4.506
103.28
4.066
96.50
3.799
90.73
3.572
75.90
2.988
21.03
0.828
8.23
0.324
DWR-T812S-VXXX-XX
8
12
119.94
4.722
108.76
4.282
101.98
4.015
96.22
3.788
81.38
3.204
26.52
1.044
13.72
0.540
DWR-T816S-VXXX-XX
8
16
125.43
4.938
114.25
4.498
107.47
4.231
101.70
4.004
86.87
3.420
32.00
1.260
19.20
0.756
DWR-T820S-VXXX-XX
8
20
130.91
5.154
119.74
4.714
112.96
4.447
107.19
4.220
92.35
3.636
37.49
1.476
24.69
0.972
DWR-T824S-VXXX-XX
8
24
136.40
5.370
125.22
4.930
118.44
4.663
112.67
4.436
97.84
3.852
42.98
1.692
30.18
1.188
DWR-T828S-VXXX-XX
8
28
141.88
5.586
130.71
5.146
123.93
4.879
118.16
4.652
103.33
4.068
48.46
1.908
35.66
1.404
DWR-T832S-VXXX-XX
8
32
147.37
5.802
136.19
5.362
129.41
5.095
123.65
4.868
108.81
4.284
53.95
2.124
41.15
1.620
DWR-T836S-VXXX-XX
8
36
152.86
6.018
141.68
5.578
134.90
5.311
129.13
5.084
114.30
4.500
59.44
2.340
46.63
1.836
DWR-T840S-VXXX-XX
8
40
158.34
6.234
147.17
5.794
140.39
5.527
134.62
5.300
119.79
4.716
64.92
2.556
52.12
2.052
"C"
Length Without
Mounting Ears
"A"
Overall
Length
"B"
Mounting Hole
Centrelines
"D"
Socket Body
Length
"E"
"F"
"G"
Centrelines
Centrelines
Centrelines
Outside Power
Inside Power
Outside Signal


同様の部品番号 - P-DWR-TXXXS-VX3X-0X

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-DWR-TXXXS-VX1X-0X AMPHENOL-P-DWR-TXXXS-VX1X-0X Datasheet
112Kb / 2P
   d-sub technical data
More results

同様の説明 - P-DWR-TXXXS-VX3X-0X

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com