データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-U10-A074-XXXX データシート(PDF) 1 Page - Amphenol Corporation

部品番号 P-U10-A074-XXXX
部品情報  d-sub technical data
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U10-A074-XXXX データシート(HTML) 1 Page - Amphenol Corporation

  P-U10-A074-XXXX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21.60
0.60 PITCH
24.25 MIN
(COMPONENT KEEP OUT)
16.20 MIN
(COMPONENT KEEP OUT)
26.00 MIN
(PLUG)
ECN TBD
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
NOV27/13
C.MICHLIK
1
L
SCALE:
REV
DWG. NO.
6
OF
A Division of Amphenol Corp. www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol High Speed Interconnects
PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-U10-A074-XXXX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING
RECEPTACLE WITH LATCH
C.MICHLIK
L
UPDATE DESCRIPTION
JS
DWG SIZE:
ULTRAPORT SLIMSAS™ 8X24 R/A
1
DRAWING
SEP16/14
NOV27/13
BA.P
03554
5:1
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APP'D
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
ANGLE
THIRD
SHEET
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
2
UNLESS SPECIFIED OTHERWISE
ANGULAR DEGREES
0.25
0.35
0.150
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
APR06/16
1.20
0.25±0.05 TYP.
2.20
4.20
3.00
TERMINATION. 50-75 MICROINCHES OF NICKEL
PACKAGING
U10 - A074 -
UNDERPLATE ALL OVER
X
NO RESONANCE DAMPING FEATURE WITH TAPE & REEL
30 MICROINCHES OF GOLD ON MATING END WITH 100
15 MICROINCHES OF GOLD ON MATING END WITH 100
MICROINCHES MINIMUM OF MATTE TIN ON SOLDER
PACKAGING
MICROINCHES MINIMUM OF MATTE TIN ON SOLDER
X
TERMINATION. 50-75 MICROINCHES OF NICKEL
UNDERPLATE ALL OVER
1.50
0=
X X
=
3
=
2
CONTACT PLATING OPTION
6=
5=
4=
OPTIONS
0T =
1T =
LATCH PIN LENGTH OPTIONS
STANDARD CONSTRUCTION WITH TAPE & REEL
NOTES:
1) MATERIAL:
HOUSING: SOLDER REFLOW PROCESS COMPATIBLE LCP, UL94V-0
CONTACTS: HIGH PERFORMANCE COPPER ALLOY
LATCH: PHOSPHOR BRONZE
RESONANCE DAMPENING FEATURE: SEMI-CONDUCTIVE POLYMER
2)RoHS COMPLIANT
11.50
2.6
0.60 PITCH
0.85
1.05
15.8
23.5
9.9
B
#1(A1)
#37(A37)
#38(B37)
B
#74(B1)
A
0.05
TRACE KEEP OUT AREA
A
L
0.05 L A B
(NPTH)
1.30 ±0.05
TYP. (PTH)
0.66 ±0.05
3.00
5.15
0.68 TYP.
0.35±0.03
1.30±0.05
0.15
9.10
0.60
10.95
10.95
2.35
2.70
1.30±0.03
1.00
2.15
5.70
1.78
0.10 A
6.7
2.15


同様の部品番号 - P-U10-A074-XXXX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U10-B074-XXXX AMPHENOL-P-U10-B074-XXXX Datasheet
96Kb / 1P
   d-sub technical data
P-U10-C038-XXXX AMPHENOL-P-U10-C038-XXXX Datasheet
142Kb / 1P
   d-sub technical data
P-U10-D038-XXXX AMPHENOL-P-U10-D038-XXXX Datasheet
85Kb / 1P
   d-sub technical data
More results

同様の説明 - P-U10-A074-XXXX

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com