データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74A23F データシート(PDF) 9 Page - Toshiba Semiconductor

部品番号 TC74A23F
部品情報  Toshiba CMOS Digital Integrated Circuit Silicon Monolithic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74A23F データシート(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74A23F Datasheet HTML 5Page - Toshiba Semiconductor TC74A23F Datasheet HTML 6Page - Toshiba Semiconductor TC74A23F Datasheet HTML 7Page - Toshiba Semiconductor TC74A23F Datasheet HTML 8Page - Toshiba Semiconductor TC74A23F Datasheet HTML 9Page - Toshiba Semiconductor TC74A23F Datasheet HTML 10Page - Toshiba Semiconductor TC74A23F Datasheet HTML 11Page - Toshiba Semiconductor TC74A23F Datasheet HTML 12Page - Toshiba Semiconductor TC74A23F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TC94A23F
2002-02-06
9
Pin
Number
Symbol
Pin Name
Function and Operation
Remarks
43
DOUT
Digital output in.
44
SBSY
Sub code block sync output pin.
When sub code sync is detected, outputs
High at the S1 position.
45
SBOK
Sub code Q data CRCC result output pin.
When the result is OK, outputs High.
46, 75
VDD
47, 76
VSS
Power supply pins for CD digital block.
Normally, 5 V is applied.
When CD is not used (CD off), the power
supply can be set to off except to the
controller, enabling only the controller to
operate. At this time, 1 must be set in the
CDoff bit. If pins from 11 to 18 and 39 to 42
are set as CD control signal input/output pins,
setting the CDoff bit to 1 switches all the pins
to an output port.
48
P2VREF
2VREF pin for PLL block
¾
49
PDO
Outputs phase error signal between the EFM
and PLCK signals.
50
TMAX
TMAX detection result output pin. Selected by
command bit TMPS.
Longer than the specified cycle: Outputs
P2VREF.
Shorter than the specified cycle: Outputs Low
level (VSS).
Within the specified cycle: at high impedance
51
LPFN
Inverted input pin for low-pass filter amp.
52
LPFO
Output pin for low-pass filter amp.
53
PVREF
VREF pin for PLL block
54
VCOF
VCO filter pin
55
AVSS
CD processor control
input/output
Ground pin for analog block
¾
VDD
VDD
MVSS
P2VREF
PVREF
P2VREF
VCO
PVREF
AVDD
LPFN
LPFO
PVREF
VCOF


同様の部品番号 - TC74A23F

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC74A2-3.3VAT MICROCHIP-TC74A2-3.3VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-3.3VCT MICROCHIP-TC74A2-3.3VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-3.3VCTTR MICROCHIP-TC74A2-3.3VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-33VAT MICROCHIP-TC74A2-33VAT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A2-33VCT MICROCHIP-TC74A2-33VCT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
More results

同様の説明 - TC74A23F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com