データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA6151-5 データシート(PDF) 9 Page - Siemens Semiconductor Group

部品番号 TDA6151-5
部品情報  Satellite-Video IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6151-5 データシート(HTML) 9 Page - Siemens Semiconductor Group

Back Button TDA6151-5 Datasheet HTML 5Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 6Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 7Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 8Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 9Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 10Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 11Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 12Page - Siemens Semiconductor Group TDA6151-5 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Semiconductor Group
9
Absolute Maximum Ratings
TA = 0 to 70 °C
All voltage are referred to ground, unless stated otherwise. All currents are designated by the
source and sink principle, i.e. if the device pin has to be regarded as a sink (the current flows in the
started pin to the internal ground), it has a negative prefix; if the device pin is the source on the other
hand (the current flows from V
S across the stated pin), it has a positive prefix.
*
SMD Package
** Depending on the used coupling capacitors
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply voltage
V15
015
V
Buffer output current (de-emphasis)
I1
– 3
5
mA
Voltage on sound IF output
V18
16
V
Video buffer output currents
I14, 16
– 3
5
mA
Setting voltages for gain adjust
V2, 19
06V
Switching voltages for video switch
V13
06V
Junction temperature
Tj
150
°C
Storage temperature
Tstg
– 40
125
°C
Thermal resistance system air
Rth SA
65/77*
K/W
Operating Range
Supply voltage
V15
10.8
13.2
V
Input frequency range
f20
10 Hz**
15
MHz
Frequency range of sound IF output coupling stage f
18
4
10
MHz
3 -dB band width of baseband output
B16
10
MHz
Ambient temperature in operation
TA
070
°C
TDA 6151-5
TDA 6151-5X


同様の部品番号 - TDA6151-5

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6106 PHILIPS-TDA6106 Datasheet
111Kb / 12P
   Video output amplifier
1997 Mar 03
More results

同様の説明 - TDA6151-5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STV0056A STMICROELECTRONICS-STV0056A Datasheet
248Kb / 26P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0042A STMICROELECTRONICS-STV0042A Datasheet
235Kb / 24P
   SATELLITE SOUND AND VIDEO PROCESSORS
STV0056AF STMICROELECTRONICS-STV0056AF Datasheet
223Kb / 27P
   SATELLITE SOUND AND VIDEO PROCESSOR
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
Infineon Technologies A...
TLE7719 INFINEON-TLE7719 Datasheet
22Kb / 1P
   Airbag Satellite Receive IC (SatRIC)
V1.0, 2002-12-02
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
List of Unclassifed Man...
UPB1513TU ETC1-UPB1513TU Datasheet
549Kb / 10P
   FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Panasonic Semiconductor
AN3916 PANASONIC-AN3916 Datasheet
128Kb / 2P
   VIDEO AGC IC
logo
Toshiba Semiconductor
TA8899AF TOSHIBA-TA8899AF Datasheet
597Kb / 15P
   FM DEMODULATION IC FOR BROADCASTIONG SATELLITE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com